Electronic Components Datasheet Search
  English  ▼

X  

STD7NS20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD7NS20
Description  N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY™ MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7NS20 Datasheet(HTML) 1 Page - STMicroelectronics

  STD7NS20 Datasheet HTML 1Page - STMicroelectronics STD7NS20 Datasheet HTML 2Page - STMicroelectronics STD7NS20 Datasheet HTML 3Page - STMicroelectronics STD7NS20 Datasheet HTML 4Page - STMicroelectronics STD7NS20 Datasheet HTML 5Page - STMicroelectronics STD7NS20 Datasheet HTML 6Page - STMicroelectronics STD7NS20 Datasheet HTML 7Page - STMicroelectronics STD7NS20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
PRELIMINARY DATA
June 2003
STD7NS20
STD7NS20-1
N-CHANNEL 200V - 0.35
Ω - 7A DPAK / IPAK
MESH OVERLAY™ MOSFET
s
TYPICAL RDS(on) = 0.35 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
ADD SUFFIX “T4” FOR ORDERING IN TAPE &
REEL
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performance. The new patented STrip layout cou-
pled with the Company’s proprietary edge termina-
tion structure, makes it suitable in coverters for
lighting applications.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-DC CONVERTERS FOR TELECOM,
INDUSTRIAL, AND LIGHTING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STD7NS20
STD7NS20-1
200 V
200 V
< 0.40
Ω
< 0.40
Ω
7A
7A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
200
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
200
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuos) at TC = 25°C
7A
ID
Drain Current (continuos) at TC = 100°C
4.4
A
IDM ( )
Drain Current (pulsed)
28
A
PTOT
Total Dissipation at TC = 25°C
45
W
Derating Factor
0.37
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
5
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1) ISD≤ 7A, di/dt≤300 A/µs, VDD≤ V(BR)DSS,Tj≤TjMAX
INTERNAL SCHEMATIC DIAGRAM
1
3
TO-252
DPAK
3
2
1
IPAK
TO-251


Similar Part No. - STD7NS20

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD7NS20 DOINGTER-STD7NS20 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STD7NS20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
Dec-1998
IRF640S STMICROELECTRONICS-IRF640S Datasheet
84Kb / 8P
N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET
Sep-1999
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD4NS25 STMICROELECTRONICS-STD4NS25 Datasheet
273Kb / 9P
N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH™ MOSFET
Jul-2002
STD8NS25 STMICROELECTRONICS-STD8NS25 Datasheet
122Kb / 6P
N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY™ MOSFET
Jul-2001
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY™ Power MOSFET
Jan-2002
STD3PS25 STMICROELECTRONICS-STD3PS25 Datasheet
445Kb / 10P
P-CHANNEL 250V - 2.1 OHM - 3A DPAK/IPAK MESH OVERLAY MOSFET
Jun-2003
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
STD4NS25T4 STMICROELECTRONICS-STD4NS25T4 Datasheet
288Kb / 9P
N-CHANNEL 250V - 0.9W - 4A DPAK/IPAK MESH OVERLAY MOSFET
Feb-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com