Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # C164CI
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 67Page - Infineon Technologies AG C164CI Datasheet HTML 68Page - Infineon Technologies AG C164CI Datasheet HTML 69Page - Infineon Technologies AG C164CI Datasheet HTML 70Page - Infineon Technologies AG C164CI Datasheet HTML 71Page - Infineon Technologies AG C164CI Datasheet HTML 72Page - Infineon Technologies AG C164CI Datasheet HTML 73Page - Infineon Technologies AG C164CI Datasheet HTML 74Page - Infineon Technologies AG C164CI Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 484 page
background image
C164CI/C164SI
Derivatives
Central Processing Unit (CPU)
User’s Manual
4-13
V3.1, 2002-02
System Configuration Register SYSCON
This bit-addressable register provides general system configuration and control
functions. The reset value for register SYSCON depends on the state of the PORT0 pins
during reset (see hardware effectable bits).
SYSCON
System Control Register
SFR (FF12H/89H)
Reset Value: 0XX0H
15
14
13
12
11
10
9876
543210
STKSZ
ROM
S1
SGT
DIS
ROM
EN
BYT
DIS
CLK
EN
WR
CFG
CS
CFG
-
OWD
DIS
BD
RST
EN
XPEN VISI-
BLE
-
rw
rw
rw
rwh
rwh
rw
rwh
rw
-
rwh
rw
rw
rw
-
Bit
Function
VISIBLE
Visible Mode Control
0:
Accesses to XBUS peripherals are done internally
1:
XBUS peripheral accesses are made visible on the external pins
XPEN
XBUS Peripheral Enable Bit
0:
Accesses to the on-chip X-Peripherals and their functions are
disabled
1:
The on-chip X-Peripherals are enabled and can be accessed
BDRSTEN
Bidirectional Reset Enable Bit
0:
Pin RSTIN is an input only
1:
Pin RSTIN is pulled low during the internal reset sequence
after any reset
OWDDIS
Oscillator Watchdog Disable Bit
0:
The on-chip oscillator watchdog is enabled and active
1:
The on-chip oscillator watchdog is disabled and the CPU clock is
always fed from the oscillator input
CSCFG
Chip Select Configuration Control
0:
Latched CS mode. The CS signals are latched internally
and driven to the (enabled) port pins synchronously
1:
Unlatched CS mode. The CS signals are derived directly from
the address and driven to the (enabled) port pins
WRCFG
Write Configuration Control (Set according to pin P0H.0 during reset)
0:
Pins WR and BHE retain their normal function
1:
Pin WR acts as WRL, pin BHE acts as WRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com