Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # C164CI
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 13Page - Infineon Technologies AG C164CI Datasheet HTML 14Page - Infineon Technologies AG C164CI Datasheet HTML 15Page - Infineon Technologies AG C164CI Datasheet HTML 16Page - Infineon Technologies AG C164CI Datasheet HTML 17Page - Infineon Technologies AG C164CI Datasheet HTML 18Page - Infineon Technologies AG C164CI Datasheet HTML 19Page - Infineon Technologies AG C164CI Datasheet HTML 20Page - Infineon Technologies AG C164CI Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 484 page
background image
C164CI/C164SI
Derivatives
Introduction
User’s Manual
1-7
V3.1, 2002-02
Various Temperature Ranges
• 0 to +70
°C
• -40 to +85
°C
• -40 to +125
°C
Infineon CMOS Process
• Low power CMOS technology enables power saving Idle, Sleep, and Power Down
modes with flexible power management.
80-Pin Plastic Metric Quad Flat Pack (MQFP) Package
•P-MQFP, 14
× 14 mm body, 0.65 mm (25.6 mil) lead spacing,
surface mount technology
Complete Development Support
For the development tool support of its microcontrollers, Infineon follows a clear third
party concept. Currently around 120 tool suppliers world-wide, ranging from local niche
manufacturers to multinational companies with broad product portfolios, offer powerful
development tools for the Infineon C500 and C166 microcontroller families,
guaranteeing a remarkable variety of price-performance classes as well as early
availability of high quality key tools such as compilers, assemblers, simulators,
debuggers or in-circuit emulators.
Infineon incorporates its strategic tool partners very early into the product development
process, making sure embedded system developers get reliable, well-tuned tool
solutions, which help them unleash the power of Infineon microcontrollers in the most
effective way and with the shortest possible learning curve.
The tool environment for the Infineon 16-bit microcontrollers includes the following tools:
• Compilers (C, MODULA2, FORTH)
• Macro-assemblers, linkers, locators, library managers, format-converters
• Architectural simulators
• HLL debuggers
• Real-time operating systems
• VHDL chip models
• In-circuit emulators (based on bondout or standard chips)
• Plug-in emulators
• Emulation and clip-over adapters, production sockets
• Logic analyzer disassemblers
• Starter kits
• Evaluation boards with monitor programs
• Industrial boards (also for CAN, FUZZY, PROFIBUS, FORTH applications)
• Network driver software (CAN, PROFIBUS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com