Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 35Page - Infineon Technologies AG C508 Datasheet HTML 36Page - Infineon Technologies AG C508 Datasheet HTML 37Page - Infineon Technologies AG C508 Datasheet HTML 38Page - Infineon Technologies AG C508 Datasheet HTML 39Page - Infineon Technologies AG C508 Datasheet HTML 40Page - Infineon Technologies AG C508 Datasheet HTML 41Page - Infineon Technologies AG C508 Datasheet HTML 42Page - Infineon Technologies AG C508 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 267 page
background image
C508
Memory Organization
User’s Manual
3-15
2001-05
Table 3-3
Contents of the SFRs, SFRs in Numeric Order by Address
Addr
Register Content
after
Reset1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80H
2)
P0
FFH
.7
.6
.5
.4
.3
.2
.1
.0
81H
SP
07H
.7
.6
.5
.4
.3
.2
.1
.0
82H
DPL
00H
.7
.6
.5
.4
.3
.2
.1
.0
83H
DPH
00H
.7
.6
.5
.4
.3
.2
.1
.0
84H
WDTL
00H
.7
.6
.5
.4
.3
.2
.1
.0
85H
WDTH
X000-
0000B
–
.6
.5
.4
.3
.2
.1
.0
86H
WDTREL 00H
WDT
PSEL
.6
.5
.4
.3
.2
.1
.0
87H
PCON
00H
SMOD PDS
IDLS
SD
GF1
GF0
PDE
IDLE
88H
2)
TCON
00H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
88H
3)
PCON1
0XX0-
XXXXB
EWPD –
–
WS
–
–
–
–
89H
TMOD
00H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
8AH
TL0
00H
.7
.6
.5
.4
.3
.2
.1
.0
8BH
TL1
00H
.7
.6
.5
.4
.3
.2
.1
.0
8CH
TH0
00H
.7
.6
.5
.4
.3
.2
.1
.0
8DH
TH1
00H
.7
.6
.5
.4
.3
.2
.1
.0
90H
2)
P1
FFH
.7
.6
.5
.4
.3
.2
.1
.0
91H
XPAGE
00H
.7
.6
.5
.4
.3
.2
.1
.0
92H
DPSEL
XXXX-
X000B
––
––
–
.2
.1
.0
98H
2)
SCON
00H
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
99H
SBUF
XXH
.7
.6
.5
.4
.3
.2
.1
.0
9A
IEN2
XX00-
00XXB
––
ECT1
ECCM
ECT2
ECEM
––
A0H
2)
P2
FFH
.7
.6
.5
.4
.3
.2
.1
.0
A8H
2)
IEN0
00H
EA
WDT
ET2
ES
ET1
EX1
ET0
EX0
A9H
IP0
00H
OWDS WDTS
.5
.4
.3
.2
.1
.0
AAH
SRELL
D9H
.7
.6
.5
.4
.3
.2
.1
.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com