Electronic Components Datasheet Search
  English  ▼

X  

2SA933AS Datasheet(PDF) 2 Page - Rohm

Part # 2SA933AS
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA933AS Datasheet(HTML) 2 Page - Rohm

  2SA933AS Datasheet HTML 1Page - Rohm 2SA933AS Datasheet HTML 2Page - Rohm 2SA933AS Datasheet HTML 3Page - Rohm 2SA933AS Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1774EB
Transistors
Rev.A
2/3
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
−60
V
V
V
A (DC)
˚C
˚C
−50
−6
−0.15
W
0.2
0.15
0.3
2SA1037AK, 2SA1576A
2SA2029, 2SA1774
2SA933AS
150
−55 to +150
Symbol
Limits
Unit
Electrical characteristics (Ta=25
°C)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−60
−50
−6
−
−
120
−
−
−
−
−
−
−
−
−
−
140
4.0
−
−
−
−0.1
−0.1
560
−0.5
−
5.0
VIC
= −50µA
IC
= −1mA
IE
= −50µA
VCB
= −60V
VEB
= −6V
VCE
= −6V, IC= −1mA
IC/IB
= −50mA/−5mA
VCE
= −12V, IE=2mA, f=100MHz
VCB
= −12V, IE=0A, f=1MHz
V
V
µA
µA
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
Packaging specifications and hFE
Package
Code
Taping
Basic ordering
unit (pieces)
QRS
hFE
2SA1037AK
T146
3000
−
−
QRS
2SA1576A
T106
3000
−
−
TL
3000
−
−
−
QRS
2SA1774
−
−
T2L
8000
−
−
−
−
QRS
2SA2029
−−
−
−
QRS
2SA933AS
−−
−
TP
5000
Type
hFE values are classified as follows:
Item
Q
R
S
hFE
120 to 270
180 to 390
270 to 560



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com