Electronic Components Datasheet Search
  English  ▼

X  

2SA933AS Datasheet(PDF) 1 Page - Rohm

Part # 2SA933AS
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA933AS Datasheet(HTML) 1 Page - Rohm

  2SA933AS Datasheet HTML 1Page - Rohm 2SA933AS Datasheet HTML 2Page - Rohm 2SA933AS Datasheet HTML 3Page - Rohm 2SA933AS Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1774EB
Transistors
Rev.A
1/3
General Purpose Transistor
(
−50V, −0.15A)
2SA1037AK / 2SA1576A / 2SA1774 / 2SA2029 /
2SA933AS
Features
1) Excellent hFE linearity.
2) Complements the 2SC2412K /
2SC4081 / 2SC4617 / 2SC5658 /
2SC1740S.
Structure
Epitaxial planar type.
PNP silicon transistor
Dimensions (Unit : mm)
2SA1037AK
Abbreviated symbol : F
∗
Abbreviated symbol : F
∗
Abbreviated symbol : F
∗
∗ Denotes hFE
Abbreviated symbol : F
∗
ROHM : SMT3
EIAJ : SC-59
(3) Collector
(1) Emitter
(2) Base
Each lead has same dimensions
0.3 to 0.6
2.8
1.6
2SA1774
ROHM : EMT3
EIAJ : SC-75A
(3) Collecto
(1) Emitter
(2) Base
0.1Min.
1.6
0.8
(2)
(3)
(1)
2SA1576A
ROHM : UMT3
EIAJ : SC-70
(3) Collector
(1) Emitter
(2) Base
Each lead has same dimensions
1.25
2.1
0.1 to 0.4
2SA2029
ROHM : VMT3
EIAJ :
2SA933AS
ROHM : SPT
EIAJ : SC-72
0.45
2.5
(1) (2) (3)
(3) Base
(1) Emitter
(2) Collector
5
Taping specifications
0.45
0.5
42
(1) Base
(2) Emitter
(3) Collector
(3)
1.2
0.8
0.2
0.15Max.
0.2
(2)
(1)


Similar Part No. - 2SA933AS

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA933AS ROHM-2SA933AS Datasheet
76Kb / 3P
General Purpose Transistor
2SA933AS ROHM-2SA933AS Datasheet
72Kb / 4P
General Purpose Transistor
logo
TRANSYS Electronics Lim...
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
logo
Rohm
2SA933AS ROHM-2SA933AS Datasheet
174Kb / 4P
General Purpose Transistor (50V, 0.15A)
logo
SHENZHEN YONGERJIA INDU...
2SA933AS WINNERJOIN-2SA933AS Datasheet
131Kb / 1P
TRANSISTOR (PNP)
More results

Similar Description - 2SA933AS

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com