Electronic Components Datasheet Search
  English  ▼

X  

LM3S328 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LM3S328
Description  Microcontroller
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S328 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LM3S328 Datasheet HTML 17Page - List of Unclassifed Manufacturers LM3S328 Datasheet HTML 18Page - List of Unclassifed Manufacturers LM3S328 Datasheet HTML 19Page - List of Unclassifed Manufacturers LM3S328 Datasheet HTML 20Page - List of Unclassifed Manufacturers LM3S328 Datasheet HTML 21Page - List of Unclassifed Manufacturers LM3S328 Datasheet HTML 22Page - List of Unclassifed Manufacturers LM3S328 Datasheet HTML 23Page - List of Unclassifed Manufacturers LM3S328 Datasheet HTML 24Page - List of Unclassifed Manufacturers LM3S328 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 359 page
background image
LM3S328 Data Sheet
October 8, 2006
21
Preliminary
– False-start-bit detection
– Line-break generation and detection
ADC
– Single- and differential-input configurations
– Eight 10-bit channels (inputs) when used as single-ended inputs
– Sample rate of 500 thousand samples/second
– Flexible, configurable analog-to-digital conversion
– Four programmable sample conversion sequences from one to eight entries long, with
corresponding conversion result FIFOs
– Each sequence triggered by software or internal event (timers or GPIO)
I2C
– Master and slave receive and transmit operation with transmission speed up to 100 Kbps in
Standard mode and 400 Kbps in Fast mode
– Interrupt generation
– Master with arbitration and clock synchronization, multimaster support, and 7-bit
addressing mode
GPIOs
– 7 to 28 GPIOs, depending on configuration
– 5-V-tolerant input/outputs
– Programmable interrupt generation as either edge-triggered or level-sensitive
– Bit masking in both read and write operations through address lines
– Can initiate an ADC sample sequence
– Programmable control for GPIO pad configuration:
•
Weak pull-up or pull-down resistors
•
2-mA, 4-mA, and 8-mA pad drive
•
Slew rate control for the 8-mA drive
•
Open drain enables
•
Digital input enables
Power
– On-chip Low Drop-Out (LDO) voltage regulator, with programmable output user-adjustable
from 2.25 V to 2.75 V
– Low-power options on controller: Sleep and Deep-sleep modes
– Low-power options for peripherals: software controls shutdown of individual peripherals
– User-enabled LDO unregulated voltage detection and automatic reset
– 3.3-V supply brownout detection and reporting via interrupt or reset
– On-chip temperature sensor
Flexible Reset Sources
– Power-on reset (POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com