Electronic Components Datasheet Search
  English  ▼

X  

STE48NM50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE48NM50
Description  N-CHANNEL 500V - 0.08Ω - 48A ISOTOP MDmesh™ Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE48NM50 Datasheet(HTML) 1 Page - STMicroelectronics

  STE48NM50 Datasheet HTML 1Page - STMicroelectronics STE48NM50 Datasheet HTML 2Page - STMicroelectronics STE48NM50 Datasheet HTML 3Page - STMicroelectronics STE48NM50 Datasheet HTML 4Page - STMicroelectronics STE48NM50 Datasheet HTML 5Page - STMicroelectronics STE48NM50 Datasheet HTML 6Page - STMicroelectronics STE48NM50 Datasheet HTML 7Page - STMicroelectronics STE48NM50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2002
STE48NM50
N-CHANNEL 500V - 0.08
Ω - 48A ISOTOP
MDmesh™Power MOSFET
n
TYPICAL RDS(on) = 0.08Ω
n
HIGH dv/dt AND AVALANCHE CAPABILITIES
n
100% AVALANCHE TESTED
n
LOW INPUT CAPACITANCE AND GATE
CHARGE
n
LOW GATE INPUT RESISTANCE
n
TIGHT PROCESS CONTROL AND HIGH
MANUFACTURING YIELDS
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizontal
layout. The resulting product has an outstanding low
on-resistance, impressively high dv/dt and excellent
avalanche characteristics. The adoption of the
Company’s proprietary strip technique yields overall
dynamic performance that is significantly better than
that of similar competition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increasing
power density of high voltage converters allowing
system miniaturization and higher efficiencies.
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STE48NM50
500V
< 0.1
Ω
48 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuous) at TC = 25°C
48
A
ID
Drain Current (continuous) at TC = 100°C
30
A
IDM (l)
Drain Current (pulsed)
192
A
PTOT
Total Dissipation at TC = 25°C
450
W
Derating Factor
3.6
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
15
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1) ISD ≤48A, di/dt ≤400A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
ISOTOP
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STE48NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE48NM60 STMICROELECTRONICS-STE48NM60 Datasheet
264Kb / 8P
N-CHANNEL 600V - 0.09W - 48A ISOTOP MDmesh-TM Power MOSFET
Jun-2003
More results

Similar Description - STE48NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE38NB50 STMICROELECTRONICS-STE38NB50 Datasheet
280Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Jun-1998
STE38NB50F STMICROELECTRONICS-STE38NB50F Datasheet
89Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Dec-1999
STE53NC50 STMICROELECTRONICS-STE53NC50 Datasheet
275Kb / 8P
N-CHANNEL 500V - 0.070Ω - 53A ISOTOP PowerMesh™ II MOSFET
May-2002
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
N-CHANNEL 500V - 0.045Ω - 70A ISOTOP Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STSJ3NM50 STMICROELECTRONICS-STSJ3NM50 Datasheet
220Kb / 8P
N-CHANNEL 500V - 2.5ohm - 3A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
Aug-2002
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh™ Power MOSFET
Jan-2003
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
Mar-2003
STE48NM60 STMICROELECTRONICS-STE48NM60 Datasheet
264Kb / 8P
N-CHANNEL 600V - 0.09W - 48A ISOTOP MDmesh-TM Power MOSFET
Jun-2003
logo
New Jersey Semi-Conduct...
STE38NB50 NJSEMI-STE38NB50 Datasheet
382Kb / 4P
N - CHANNEL 500V - 0.11 Q - 38A - ISOTOP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com