Electronic Components Datasheet Search
  English  ▼

X  

C504 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # C504
Description  8-Bit CMOS Microcontroller
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C504 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button C504 Datasheet HTML 9Page - Siemens Semiconductor Group C504 Datasheet HTML 10Page - Siemens Semiconductor Group C504 Datasheet HTML 11Page - Siemens Semiconductor Group C504 Datasheet HTML 12Page - Siemens Semiconductor Group C504 Datasheet HTML 13Page - Siemens Semiconductor Group C504 Datasheet HTML 14Page - Siemens Semiconductor Group C504 Datasheet HTML 15Page - Siemens Semiconductor Group C504 Datasheet HTML 16Page - Siemens Semiconductor Group C504 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 225 page
background image
Introduction
C504
Semiconductor Group
1-6
1997-10-01
P3.0-P3.7
5, 7-13
5
7
8
9
10
11
12
13
I/O
Port 3
is an 8-bit bidirectional port. P3.0 (R
×D) and P3.1 (T×D)
operate as defined for the C501. P3.2 to P3.7 contain the
external interrupt inputs, timer inputs, input and as an
additional optinal function four of the analog inputs of the
A/D-converter. Port 3 pins are assigned to be used as
analog inputs by the bits of SFR P3ANA.
P3.6/WR can be assigned as a third interrupt input. The
functions are assigned to the pins of port 3 as follows:
P3.0 / RxD
Receiver data input (asynch.) or data
input/output (synch.) of serial
interface
P3.1 / TxD
Transmitter data output (asynch.) or
clock output (synch.) of serial
interface
P3.2 / AN4 / INT0
Analog input channel 4 / external
interrupt 0 input / timer 0 gate control
input
P3.3 / AN5 / INT1
Analog input channel 5 / external
interrupt 1 input / timer 1 gate control
input
P3.4 / AN6 / T0
Analog input channel 6 / timer 0
counter input
P3.5 / AN7 / T1
Analog input channel 7 / timer 1
counter input
P3.6 / WR / INT2
WR control output; latches the data
byte from port 0 into the external data
memory /
external interrupt 2 input
P3.7 / RD
RD control output; enables the
external data memory
CTRAP
6I
CCU Trap Input
With CTRAP = low the compare outputs of the CAPCOM
unit are switched to the logic level as defined in the COINI
register (if they are enabled by the bits in SFR TRCON).
CTRAP is an input pin with an internal pullup resistor. For
power saving reasons, the signal source which drives the
CTRAP input should be at high or floating level during
power-down mode.
*)
I = Input
O = Output
Table 1-1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
(P-MQFP-44)
I/O
*)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com