Electronic Components Datasheet Search
  English  ▼

X  

DS87C320-ENG Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS87C320-ENG
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C320-ENG Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS87C320-ENG Datasheet HTML 28Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 29Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 30Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 31Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 32Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 33Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 34Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 35Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 175 page
background image
High-Speed Microcontroller User’s Guide
32 of 175
REN_0
Bit 4
Receiver Enable.
This bit enable/disables the serial port 0 receiver shift
register.
0 = Serial port 0 reception disabled.
1= Serial port 0 receiver enabled (modes 1, 2, 3). Initiate synchronous reception
(mode 0).
TB8_0
Bit 3
9
th Transmission Bit State. This bit defines the state of the 9th transmission bit
in serial port 0 modes 2 and 3.
RB8_0
Bit 2
9
th Received Bit State. This bit identifies that state of the 9th reception bit of
received data in serial port 0 modes 2 and 3. In serial port mode 1, when
SM2_0=0, RB8_0 is the state of the stop bit. RB8_0 is not used in mode 0.
TI_0
Bit 1
Transmitter Interrupt Flag. This bit indicates that data in the serial port 0
buffer has been completely shifted out. In serial port mode 0, TI_0 is set at the
end of the 8
th data bit. In all other modes, this bit is set at the end of the last data
bit. This bit must be manually cleared by software.
RI_0
Bit 0
Receiver Interrupt Flag.
This bit indicates that a byte of data has been
received in the serial port 0 buffer. In serial port mode 0, RI_0 is set at the end of
the 8
th bit. In serial port mode 1, RI_0 is set after the last sample of the incoming
stop bit subject to the state of SM2_0. In modes 2 and 3, RI_0 is set after the last
sample of RB8_0. This bit must be manually cleared by software.
Serial Data Buffer 0 (SBUF0)
7
6
5
4
3
2
1
0
SFR 99h SBUF0.7
SBUF0.6
SBUF0.5
SBUF0.4
SBUF0.3
SBUF0.2
SBUF0.1
SBUF0.0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset
SBUF0.7-0
Bits 7-0
Serial Data Buffer 0. Data for serial port 0 is read from or written to this
location. The serial transmit and receive buffers are separate registers, but both
are addressed at this location.
Port 2 (P2)
7
6
5
4
3
2
1
0
SFR A0h
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset
P2.7-0
Bits 7-0
Port 2. This port functions as an address bus during external memory access,
and as a general purpose I/O port on devices which incorporate internal program
memory. During external memory cycles, this port will contain the MSB of the
address. The Port 2 latch does not control general purpose I/O pins on the
DS80C310 and DS80C320, but is still used to hold the address MSB during
register-indirect data memory operations such as MOVX A, @R1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com