Electronic Components Datasheet Search
  English  ▼

X  

DS87C320-ENG Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS87C320-ENG
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C320-ENG Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS87C320-ENG Datasheet HTML 29Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 30Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 31Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 32Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 33Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 34Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 35Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 36Page - Dallas Semiconductor DS87C320-ENG Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 175 page
background image
High-Speed Microcontroller User’s Guide
33 of 175
Interrupt Enable (IE)
7
6
5
4
3
2
1
0
SFR A8h
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset
EA
Bit 7
Global Interrupt Enable. This bit controls the global masking of all interrupts
except Power-Fail Interrupt, which is enabled by the EPFI bit (WDCON.5).
0 = Disable all interrupt sources. This bit overrides individual interrupt mask
settings.
1 = Enable all individual interrupt masks. Individual interrupts will occur if
enabled.
ES1
Bit 6
Enable Serial Port 1 Interrupt. This bit controls the masking of the serial port
1 interrupt.
0 = Disable all serial port 1 interrupts.
1 = Enable interrupt requests generated by the RI_1 (SCON1.0) or TI_1
(SCON1.1) flags.
ET2
Bit 5
Enable Timer 2 Interrupt.
This bit controls the masking of the Timer 2
interrupt.
0 = Disable all Timer 2 interrupts.
1 = Enable interrupt requests generated by the TF2 flag (T2CON.7).
ES0
Bit 4
Enable Serial Port 0 Interrupt. This bit controls the masking of the serial port
0 interrupt.
0 = Disable all serial port 0 interrupts.
1 = Enable interrupt requests generated by the RI_0 (SCON0.0) or TI_0
(SCON0.1) flags.
ET1
Bit 3
Enable Timer 1 Interrupt.
This bit controls the masking of the Timer 1
interrupt.
0 = Disable all Timer 1 interrupts.
1 = Enable all interrupt requests generated by the TF1 flag (TCON.7).
EX1
Bit 2
Enable External Interrupt 1.
This bit controls the masking of external
interrupt 1.
0 = Disable external interrupt 1.
1 = Enable all interrupt requests generated by the INT0 pin.
ET0
Bit 1
Enable Timer 0 Interrupt.
This bit controls the masking of the Timer 0
interrupt.
0 = Disable all Timer 0 interrupts.
1 = Enable all interrupt requests generated by the TF0 flag (TCON.5).
EX0
Bit 0
Enable External Interrupt 0.
This bit controls the masking of external
interrupt 0.
0 = Disable external interrupt 0.
1 = Enable all interrupt requests generated by the INT0 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com