Electronic Components Datasheet Search
  English  ▼

X  

STGP10N60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP10N60
Description  N-CHANNEL 10A - 600V TO-220 LOGIC LEVEL IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10N60 Datasheet(HTML) 1 Page - STMicroelectronics

  STGP10N60 Datasheet HTML 1Page - STMicroelectronics STGP10N60 Datasheet HTML 2Page - STMicroelectronics STGP10N60 Datasheet HTML 3Page - STMicroelectronics STGP10N60 Datasheet HTML 4Page - STMicroelectronics STGP10N60 Datasheet HTML 5Page - STMicroelectronics STGP10N60 Datasheet HTML 6Page - STMicroelectronics STGP10N60 Datasheet HTML 7Page - STMicroelectronics STGP10N60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STGP10N60L
N-CHANNEL 10A - 600V TO-220
LOGIC LEVEL IGBT
s
HIGH INPUT IMPEDANCE
(VOLTAGE DRIVEN)
s
VERY LOW ON-VOLTAGE DROP (Vcesat)
s
LOW THRESHOLD VOLTAGE
(LOGIC LEVEL INPUT)
s
HIGH CURRENT CAPABILITY
s
OFF LOSSES INCLUDE TAIL CURRENT
APPLICATIONS
s
ELECTRONIC IGNITION
s
LIGHT DIMMER
s
STATIC RELAYS
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VCES
Collector-Emitter Volt age (VGS = 0)
600
V
VECR
Reverse Batt ery Prot ection
25
V
VGE
G ate-Emitter Voltage
± 15
V
IC
Collector Current (continuous) at Tc =25
oC25
A
IC
Collector Current (continuous) at Tc = 100
oC20
A
ICM(
•)
Collector Current (pulsed)
100
A
Ptot
T otal Dissipation at Tc =25
oC
125
W
Derating Fact or
0. 83
W /
o C
Tstg
Storage T emperature
-65 t o 175
o C
Tj
Max. Operating Junction Temperat ure
175
o C
(
•) Pulse width limited by safe operating area
TYPE
VCES
VCE(sat)
IC
STGP10N60L
600 V
< 1.95 V
10 A
June 1999
1
2
3
TO-220
1/8


Similar Part No. - STGP10N60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
267Kb / 9P
N-CHANNEL CLAMPED 20A - TO-220 INTERNALLY CLAMPED PowerMesh™ IGBT
Nov-2000
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
751Kb / 15P
10 A - 410 V internally clamped IGBT
06-Nov-2009
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
STGP10NB60SD STMICROELECTRONICS-STGP10NB60SD Datasheet
242Kb / 12P
N-CHANNEL 10A - 600V - TO-220 Low Drop PowerMESH TM IGBT
18-Nov-2005
More results

Similar Description - STGP10N60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10N60L STMICROELECTRONICS-STGB10N60L Datasheet
88Kb / 8P
N-CHANNEL 10A - 600V D2PAK LOGIC LEVEL IGBT
Jun-1999
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
104Kb / 9P
N-CHANNEL 10A - 600V - TO-220 VERY FAST PowerMESH™ IGBT
November 2005 Rev 1
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD Datasheet
453Kb / 15P
N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
08-Feb-2007
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
STGP10NB60SD STMICROELECTRONICS-STGP10NB60SD Datasheet
242Kb / 12P
N-CHANNEL 10A - 600V - TO-220 Low Drop PowerMESH TM IGBT
18-Nov-2005
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_06 Datasheet
272Kb / 13P
N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
12-Oct-2006
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
05-Oct-2007
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_07 Datasheet
315Kb / 13P
N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
02-Apr-2007
logo
ON Semiconductor
NGTB10N60R2DT4G ONSEMI-NGTB10N60R2DT4G Datasheet
531Kb / 7P
IGBT 600V, 10A, N-Channel
January 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com