Electronic Components Datasheet Search
  English  ▼

X  

STGP10N60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGP10N60
Description  N-CHANNEL 10A - 600V TO-220 LOGIC LEVEL IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10N60 Datasheet(HTML) 2 Page - STMicroelectronics

  STGP10N60 Datasheet HTML 1Page - STMicroelectronics STGP10N60 Datasheet HTML 2Page - STMicroelectronics STGP10N60 Datasheet HTML 3Page - STMicroelectronics STGP10N60 Datasheet HTML 4Page - STMicroelectronics STGP10N60 Datasheet HTML 5Page - STMicroelectronics STGP10N60 Datasheet HTML 6Page - STMicroelectronics STGP10N60 Datasheet HTML 7Page - STMicroelectronics STGP10N60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-sink
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
T yp
1.2
62. 5
0.1
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tj = - 40 to 150
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VBR(ces)
Collector-Emitt er
Breakdown Voltage
IC =250
µAVGE = 0
600
V
ICES
Collector cut-of f
(VGE =0)
VCE =Max Rating
Tj =25
oC
VCE =Max Rat ing
Tj =125
oC
25
100
µA
µA
IGES
Gat e-Emitter Leakage
Current (VCE =0)
VGE =
± 15 V
VCE =0
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGE(th)
Gat e Threshold
Voltage
VCE =VGE
IC = 250
µA
VCE =VGE
IC =250
µATj =25 oC
0. 6
1. 0
2. 4
2. 0
V
V
VCE(SAT )
Collector-Emitt er
Sat uration Voltage
VGE =4.5 V
IC =8 A
Tj =- 40
oC
VGE =4.5 V
IC =9.5 A Tj =25
oC
VGE =4.5 V
IC =8 A
Tj = 150
oC
1.5
1.4
1.25
2. 0
V
V
V
IC
Collector Current
VGE =4.5 V
VCE =7 V
15
45
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs
Forward
Transconductance
VCE =25 V
IC =8 A
Tj =25
oC7
12
S
Cies
Coes
Cres
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VCE = 25V
f = 1MHz
VGE = 0
1800
120
19
2600
165
26
pF
pF
pF
QG
Gat e Charge
VCE = 400 V
IC =8 A
VGE =5 V
30
nC
FUNCTIONAL CHARACTERISTICS
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
ICL
Lat ching Current
Vclamp = 480 V
dV/ dt = 200 V/
µs
Tj = 125
oC
20
A
ECF
Forward Clamping
Energy
Tstart =55
oCV
cl amp =4 80 V
IC = 10 A
L = 4.2 mH - Single Pulse
210
mJ
EAR
Reverse Avalanche
Energy
10
mJ
STGP10N60L
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com