Electronic Components Datasheet Search
  English  ▼

X  

STGP20NB37LZ Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGP20NB37LZ
Description  N-CHANNEL CLAMPED 20A TO-220 INTERNALLY CLAMPED PowerMESH IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20NB37LZ Datasheet(HTML) 2 Page - STMicroelectronics

  STGP20NB37LZ Datasheet HTML 1Page - STMicroelectronics STGP20NB37LZ Datasheet HTML 2Page - STMicroelectronics STGP20NB37LZ Datasheet HTML 3Page - STMicroelectronics STGP20NB37LZ Datasheet HTML 4Page - STMicroelectronics STGP20NB37LZ Datasheet HTML 5Page - STMicroelectronics STGP20NB37LZ Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-sink
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
T yp
1
62. 5
0.2
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tj =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
BV(CES)
Clamped Voltage
IC =2mA
VGE =0
TC =- 40
oC
IC =2mA
VGE =0
TC =25
oC
IC =2mA
VGE =0
TC =150
oC
380
375
370
405
400
395
430
425
420
V
V
V
BV(ECR)
Emitter Collector
Break-down Voltage
IC =75 mA
TC =25
oC20
28
V
BVGE
Gat e Emitter
Break-down Voltage
IG =
± 2 mA
121416
V
ICES
Collector cut-of f
Current (VGE = 0)
VCE =15 V
VGE =0
TC =150
oC
VCE = 200 V
VGE =0
TC = 150
oC
10
100
µA
µA
IGES
Gat e-Emitter Leakage
Current (VCE = 0)
VGE =
± 10 V
VCE =0
± 300
± 660 ± 1000
µA
RGE
Gat e Emitter Resistanc e
10
15
30
K
Ω
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGE(th)
Gat e Threshold
Voltage
VCE =VGE IC = 250
µATC =-40oC
VCE =VGE IC = 250
µATC =25oC
VCE =VGE IC = 250
µATC =150oC
1. 2
1. 0
0. 6
1.4
2
V
V
V
VCE(SAT )
Collector-Emitt er
Sat uration Voltage
VGE =4.5 V
IC =10 A
TC =25
oC
VGE =4.5 V
IC =10 A
TC=150
oC
VGE =4.5 V
IC =20 A TC =25
oC
VGE =4.5 V
IC =20 A
TC=150
oC
1.1
1.0
1.35
1.25
1. 8
1. 7
2. 0
2. 0
V
V
V
V
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs
Forward
Transconductance
VCE =25 V
I C =20 A
35
S
Cies
Coes
Cres
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VCE = 25V
f = 1MHz
VGE = 0
2300
165
28
pF
pF
pF
QG
Gat e Charge
VCE = 280 V
IC =20 A
VGE =5 V
51
nC
STGP20NB37LZ
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com