Electronic Components Datasheet Search
  English  ▼

X  

STGP20NB37LZ Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP20NB37LZ
Description  N-CHANNEL CLAMPED 20A TO-220 INTERNALLY CLAMPED PowerMESH IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20NB37LZ Datasheet(HTML) 3 Page - STMicroelectronics

  STGP20NB37LZ Datasheet HTML 1Page - STMicroelectronics STGP20NB37LZ Datasheet HTML 2Page - STMicroelectronics STGP20NB37LZ Datasheet HTML 3Page - STMicroelectronics STGP20NB37LZ Datasheet HTML 4Page - STMicroelectronics STGP20NB37LZ Datasheet HTML 5Page - STMicroelectronics STGP20NB37LZ Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FUNCTIONAL CHARACTERISTICS
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
II
Lat ching Current
VCLAMP = 250 V
VGE =4.5 V
RGOFF =1 K
Ω
TC = 150
oC
80
A
U.I. S.
Functional Test
Open Secondary Coil
RGOFF=1 K
Ω L=3 mH TC =25 oC
RGOFF=1 K
Ω L=3 mH TC = 150 oC
21. 6
15
26
18
A
A
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(on)
tr
Delay Time
Rise Time
VCC = 250 V
I C =20 A
VGE=4.5 V
RG =1 K
Ω
2.3
0.6
µs
µs
(di/dt)on
Turn-on Current Slope
VCC =250 V
IC =20 A
RG =1 K
Ω
VGE =4.5 V
550
A/
µs
Eon
Turn-on
Switching Losses
VCC=250V
IC =20A
TC =25
oC
RG =1 K
Ω VGE =4.5V TC =150 oC
8.8
9.2
mJ
mJ
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
tc
tr(voff)
tf
td (off)
Eoff(**)
Cross-O ver Time
Off Volt age Rise Time
Fall T ime
Off Volt age Delay Time
Turn-off Swit ching Loss
VCC =250 V
I C =20 A
RGE =1 K
Ω
VGE =4.5 V
4.8
2.6
2.0
11.5
11.8
µs
µs
µs
µs
mJ
tc
tr(voff)
tf
td (off)
Eoff(**)
Cross-O ver Time
Off Volt age Rise Time
Fall T ime
Off Volt age Delay Time
Turn-off Swit ching Loss
VCC =250 V
I C =20 A
RGE =1 K
Ω
VGE =4.5 V
TC = 150
oC
7.8
3.5
3.9
12.0
17.8
µs
µs
µs
µs
mJ
(
•) Pulse width limited by safe operating area (*) Pulsed: Pulse duration = 300 ms, duty cycle 1.5 %
(**)Losses Include Also The Tail (jedec Standardization)
STGP20NB37LZ
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com