Electronic Components Datasheet Search
  English  ▼

X  

L6386AD Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6386AD
Description  High-voltage high and low side driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386AD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6386AD Datasheet HTML 2Page - STMicroelectronics L6386AD Datasheet HTML 3Page - STMicroelectronics L6386AD Datasheet HTML 4Page - STMicroelectronics L6386AD Datasheet HTML 5Page - STMicroelectronics L6386AD Datasheet HTML 6Page - STMicroelectronics L6386AD Datasheet HTML 7Page - STMicroelectronics L6386AD Datasheet HTML 8Page - STMicroelectronics L6386AD Datasheet HTML 9Page - STMicroelectronics L6386AD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
L6386AD
6/17
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Driving buffers section
Iso
9,
13
High/low side source short
circuit current
VIN = Vih (tp < 10 µs)
300
400
mA
Isi
9,
13
High/low side sink short
circuit current
VIN = Vil (tp < 10 µs)
500
650
mA
Logic inputs
Vil
1,2,
3
Low level logic voltage
1.5
V
Vih
High level logic voltage
3.6
V
Iih
High level logic input current
VIN = 15 V
50
70
µA
Iil
Low level logic input current
VIN = 0 V
1
µA
Sense comparator
Vio
Input offset voltage
-10
10
mV
Iio
6
Input bias current
Vcin ≥ 0.5
0.2
µA
Vol
2
Open drain low level output
voltage
Iod = -2.5 mA
0.8
V
Vref
Comparator reference
voltage
0.46
0.50
0.54
V
1.
RDS(on) is tested in the following way:
where I1 is pin 14 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2
Table 6.
DC operation
electrical characteristcs (continued)(VCC = 15 V; TJ = 25 °C)
R
DSON
V
CC
V
CBOOT1
()
V
CC
V
CBOOT2
()
I
1 VCC,VCBOOT1
() I
2 VCC,VCBOOT2
()
-------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com