Electronic Components Datasheet Search
  English  ▼

X  

L6386AD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6386AD
Description  High-voltage high and low side driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386AD Datasheet(HTML) 1 Page - STMicroelectronics

  L6386AD Datasheet HTML 1Page - STMicroelectronics L6386AD Datasheet HTML 2Page - STMicroelectronics L6386AD Datasheet HTML 3Page - STMicroelectronics L6386AD Datasheet HTML 4Page - STMicroelectronics L6386AD Datasheet HTML 5Page - STMicroelectronics L6386AD Datasheet HTML 6Page - STMicroelectronics L6386AD Datasheet HTML 7Page - STMicroelectronics L6386AD Datasheet HTML 8Page - STMicroelectronics L6386AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2008
Rev 1
1/17
17
L6386AD
High-voltage high and low side driver
Features
High voltage rail up to 600 V
dV/dt immunity ±50 V/nsec in full temperature
range
Driver current capability:
– 400 mA source,
– 650 mA sink
Switching times 50/30 nsec rise/fall with 1nF
load
CMOS/TTL Schmitt trigger inputs with
hysteresis and pull down
Under voltage lock out on lower and upper
driving section
Integrated bootstrap diode
Outputs in phase with inputs
Description
The L6386AD is an high-voltage device,
manufactured with the BCD "OFF-LINE"
technology. It has a driver structure that enables
to drive independent referenced Channel Power
MOS or IGBT. The high-side (floating) section is
enabled to work with voltage rail up to 600 V. The
Logic Inputs are CMOS/TTL compatible for ease
of interfacing with controlling devices.
SO-14
www.st.com
Figure 1.
Block diagram
LOGIC
UV
DETECTION
LEVEL
SHIFTER
UV
DETECTION
R
R
S
VCC
LVG
DRIVER
VCC
HIN
SD
HVG
DRIVER
HVG
H.V.
TO LOAD
OUT
LVG
PGND
D97IN520D
LIN
DIAG
VREF
BOOTSTRAP DRIVER
Vboot
CIN
CBOOT
SGND
5
7
6
8
9
12
13
14
1
2
3
4


Similar Part No. - L6386AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386AD STMICROELECTRONICS-L6386AD Datasheet
293Kb / 15P
High voltage high and low-side driver
20-Jun-2014
L6386AD013TR STMICROELECTRONICS-L6386AD013TR Datasheet
293Kb / 15P
High voltage high and low-side driver
20-Jun-2014
L6386ADTR STMICROELECTRONICS-L6386ADTR Datasheet
293Kb / 15P
High voltage high and low-side driver
20-Jun-2014
More results

Similar Description - L6386AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com