Electronic Components Datasheet Search
  English  ▼

X  

M41T00AUD Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41T00AUD
Description  Serial real-time clock with audio
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00AUD Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41T00AUD Datasheet HTML 29Page - STMicroelectronics M41T00AUD Datasheet HTML 30Page - STMicroelectronics M41T00AUD Datasheet HTML 31Page - STMicroelectronics M41T00AUD Datasheet HTML 32Page - STMicroelectronics M41T00AUD Datasheet HTML 33Page - STMicroelectronics M41T00AUD Datasheet HTML 34Page - STMicroelectronics M41T00AUD Datasheet HTML 35Page - STMicroelectronics M41T00AUD Datasheet HTML 36Page - STMicroelectronics M41T00AUD Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
M41T00AUD
Initial conditions
33/44
8
Initial conditions
The first time the M41T00AUD is powered up, some of its registers will automatically have
their bits set to pre-determined levels as depicted in the Table 5. Typically, these values are
set to benign levels to ensure predictable operation of the device.
ST, the stop bit, is a 0 at first power up thus enabling the oscillator to run without need of
user intervention. On subsequent power ups, it is not altered by the device and remains at
the last value programmed by the user. All other bits listed as unchanged (UC) in the table
behave similarly during power cycles.
The HT or halt bit is always set to 1 thus halting updates of the transfer buffer registers. The
user must write it to 0 to allow updates to resume.
The discrete output function available on the IRQ/FT/OUT pin is set to 1. This is an open
drain output, and thus a 1 represents a high impedance condition.
FT or frequency test is always disabled on power ups. The OF or oscillator fail bit will always
be 1 on the first power up since the oscillator is always off prior to the first application of VCC.
The trickle charger is always turned completely off after any power up. The bits affecting it
are set to levels which keep all the trickle charge switches open. Both TCH2 and TCFE are
0 which opens their corresponding switches. TCHE3:TCHE0 are set to Ah, which is the
exact opposite of the value (5) required to close the corresponding switch.
On first power up, the tone selects bits, /256/512 and TONE, are set to select the 512 hertz
tone, but have the function disabled (see Section 7). On subsequent power ups, the
/256/512 select bit remains unchanged, but TONE is always cleared. Furthermore, the
MUTE bit is always set to MUTE on all power ups, disabling all audio.
The four-bit audio gain value is always set to the lowest setting (0) on initial power up, but
remains unaffected by subsequent power cycles.
The 5-bit calibration register and its associated sign bit are set to 0 on initial power up thus
resulting in no correction applied to the timekeeping operation. On subsequent power ups,
the contents are not altered.
Table 8.
Initial values
Condition
ST
HT OUT FT OF OFIE
TCHE
3:0
TCH2 TCFE
/256/
512
TONE MUTE
GAIN
Cali-
bration
Initial
power-up(1)
1.
State of other control bits undefined
0
On
11
0
1
0
Off
Ah
Off
0
Off
0
Off
1
512
0
Off
1
MUTE
0
-33dB
0
Subsequent
power-up
(with
battery
back-up)
UC(2)
2.
UC = unchanged
1
UC
0
UC
UC
Ah
Off
0
Off
0
Off
UC
0
Off
1
MUTE
UC
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com