Electronic Components Datasheet Search
  English  ▼

X  

M41T00AUD Datasheet(PDF) 38 Page - STMicroelectronics

Part # M41T00AUD
Description  Serial real-time clock with audio
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00AUD Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M41T00AUD Datasheet HTML 34Page - STMicroelectronics M41T00AUD Datasheet HTML 35Page - STMicroelectronics M41T00AUD Datasheet HTML 36Page - STMicroelectronics M41T00AUD Datasheet HTML 37Page - STMicroelectronics M41T00AUD Datasheet HTML 38Page - STMicroelectronics M41T00AUD Datasheet HTML 39Page - STMicroelectronics M41T00AUD Datasheet HTML 40Page - STMicroelectronics M41T00AUD Datasheet HTML 41Page - STMicroelectronics M41T00AUD Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
DC and AC parameters
M41T00AUD
38/44
Table 16.
Audio section electrical characteristics, valid for VCC = 3.3V and
TAMB = 25°C (except where otherwise noted)
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOO
Output offset voltage
No input signal,
RL = 8
Ω
10
100
mV
PO-MAX
Maximum output power
THD = 2% Max, f = 1kHz,
RL = 8
Ω
300
375
mW
PSRR
Power supply rejection ratio
RL = 8
Ω, Av = 2,
VRIPPLE = 200mVPP
audio input grounded
f = 217Hz
55
61
dB
Gain step size
GAIN steps 1-2 to E-F (1)
2
3
4
dB
TWU
Wake-up time after power up
CBIAS = 1µF
150
ms
1.
The lowest step, from GAIN = 0 to GAIN = 1, is not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com