Electronic Components Datasheet Search
  English  ▼

X  

LPC1752FBD80 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # LPC1752FBD80
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1752FBD80 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button LPC1752FBD80 Datasheet HTML 35Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 36Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 37Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 38Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 39Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 40Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 41Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 42Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
39 of 70
NXP Semiconductors
LPC1766
Fast communication chip
10. Static characteristics
Table 6.
Static characteristics
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD(3V3)
supply voltage (3.3 V)
core and external rail
2.4
3.3
3.6
V
VREG(3V3)
Voltage regulator
supply voltage (3.3 V)
2.4
3.3
3.6
V
VDDA
analog 3.3 V pad supply
voltage
2.7
3.3
3.6
V
Vi(VBAT)
input voltage on pin
VBAT
[2] 2.1
3.3
3.6
V
Vi(VREFP)
input voltage on pin
VREFP
2.7
3.3
VDDA
V
Standard port pins, RESET, RTCK
IIL
LOW-level input current VI = 0 V; on-chip pull-up
resistor disabled
--3
μA
IIH
HIGH-level input
current
VI =VDD(3V3); on-chip
pull-down resistor
disabled
--3
μA
IOZ
OFF-state output
current
VO =0V; VO =VDD(3V3);
on-chip pull-up/down
resistors disabled
--3
μA
VI
input voltage
pin configured to provide
a digital function
[3][4][5] 0-
5.5
V
VO
output voltage
output active
0
-
VDD(3V3)
V
VIH
HIGH-level input
voltage
2.0
--V
VIL
LOW-level input voltage
-
-
0.8
V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-level output
voltage
IOH = −4 mA
[6] VDD(3V3) −
0.4
--V
VOL
LOW-level output
voltage
IOL =4 mA
[6] --0.4
V
IOH
HIGH-level output
current
VOH =VDD(3V3) − 0.4 V
[6]
−4
--mA
IOL
LOW-level output
current
VOL =0.4 V
[6] 4
--mA
IOHS
HIGH-level short-circuit
output current
VOH =0 V
[7] --
−45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDDA
[7] --50
mA
Ipd
pull-down current
VI =5V
10
50
150
μA
Ipu
pull-up current
VI =0V
−15
−50
−85
μA
VDD(3V3) <VI < 5 V
000
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com