Electronic Components Datasheet Search
  English  ▼

X  

LPC1752FBD80 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # LPC1752FBD80
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC1752FBD80 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button LPC1752FBD80 Datasheet HTML 57Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 58Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 59Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 60Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 61Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 62Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 63Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 64Page - List of Unclassifed Manufacturers LPC1752FBD80 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
61 of 70
NXP Semiconductors
LPC1766
Fast communication chip
13. DAC electrical characteristics
Table 21.
DAC electrical characteristics
VDDA = 2.7 V to 3.6 V; Tamb = −40 °C to +85 °C unless otherwise specified; DAC frequency <tbd> MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
analog supply voltage
<tbd>
<tbd>
<tbd>
V
PSRR
power supply rejection
ratio
ΔV
DDA = 100mV
<tbd>
<tbd>
<tbd>
dB
VO
output voltage
count = max
VDDA − kV
count = min
VSSA + k
V
ED
differential linearity error
-
-
±1LSB
EL(adj)
integral non-linearity
-
-
±2LSB
EO
offset error
-
-
±3LSB
EG
gain error
-
-
±0.5
%
ET
absolute error
-
-
±4LSB
CL
load capacitance
-
-
100
pF
RO
output resistance
1
-
4
Ω
tON
<tbd>
<tbd>
<tbd>
ns
tS(FS)
settling time, full scale
<tbd>
<tbd>
<tbd>
ns
ts(SM)
settling time, small change
<tbd>
<tbd>
<tbd>
ns
SR
slew rate
<tbd>
<tbd>
<tbd>
V/ms
glitch energy, full scale
<tbd>
<tbd>
<tbd>
nV.s
BW(3dB)
3-dB bandwidth
<tbd>
<tbd>
<tbd>
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com