Electronic Components Datasheet Search
  English  ▼

X  

TDA8133D Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA8133D
Description  5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA8133D Datasheet HTML 2Page - STMicroelectronics TDA8133D Datasheet HTML 3Page - STMicroelectronics TDA8133D Datasheet HTML 4Page - STMicroelectronics TDA8133D Datasheet HTML 5Page - STMicroelectronics TDA8133D Datasheet HTML 6Page - STMicroelectronics TDA8133D Datasheet HTML 7Page - STMicroelectronics TDA8133D Datasheet HTML 8Page - STMicroelectronics TDA8133D Datasheet HTML 9Page - STMicroelectronics TDA8133D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CIRCUIT DESCRIPTION
TDA8133/D
6/13
3
CIRCUIT DESCRIPTION
The TDA8133 and the TDA8133D are dual-voltage regulators with Reset and Disable functions.
The two regulation parts are supplied from a single voltage reference circuit trimmed by zener
zapping during EWS testing. Since the supply voltage of this voltage reference is connected to pin
INPUT1 (VIN1), the second regulator will not work if pin INPUT1 is not supplied.
The output stages are designed using a Darlington configuration with a typical dropout voltage of
1.2 V.
The Disable circuit will switch off pin OUTPUT2 if a voltage less than 0.8 V is applied to pin
DISABLE.
The Reset circuit checks the voltage at pin OUTPUT1. If this voltage drops below VO1 - 0.25 V
(4.85 V Typ.), the "a" comparator (Figure 3) rapidly discharges the external capacitor (Ce) and the
reset output immediately switches to low. When the voltage at pin OUTPUT1 exceeds VO1 - 0.2 V
(4.9 V Typ.), the VCe voltage increases linearly to the reference voltage (VREF = 2.5 V)
corresponding to a Reset Pulse Delay (tRD) as shown in Figure 4.
Afterwards, the reset output returns to high. To avoid glitches in the reset output, the second
comparator "b" has a large hysteresis (1.9 V).
Figure 3: Reset Diagram
t
RD
C
e
2.5V
×
10
µA
--------------------------
=
OUTPUT1
REG
VREF
-
+
50
a
+
-
Ce
VREF
0.6V
b
RESET
10 µA
3
VREF = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com