Electronic Components Datasheet Search
  English  ▼

X  

TDA8133D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8133D
Description  5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133D Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8133D Datasheet HTML 1Page - STMicroelectronics TDA8133D Datasheet HTML 2Page - STMicroelectronics TDA8133D Datasheet HTML 3Page - STMicroelectronics TDA8133D Datasheet HTML 4Page - STMicroelectronics TDA8133D Datasheet HTML 5Page - STMicroelectronics TDA8133D Datasheet HTML 6Page - STMicroelectronics TDA8133D Datasheet HTML 7Page - STMicroelectronics TDA8133D Datasheet HTML 8Page - STMicroelectronics TDA8133D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS
TDA8133/D
4/13
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
2.2
Thermal Data
2.3
Electrical Characteristics
TAMB = 25° C, VIN1 = 7 V, VIN2 = 10 V, unless otherwise specified.
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage at pins INPUT1 and INPUT2
20
V
VDIS
Disable Input Voltage at pin DISABLE
20
V
VRST
Output Voltage at pin RESET
20
V
IO1,2
Output Currents
Internally Limited
Pt
Power Dissipation
Internally Limited
TSTG
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
0 to +150
°C
Symbol
Parameter
Value
Unit
RthJC
Thermal Resistance
(Junction-to-Case)
TDA8133
TDA8133D
9
15
°C/W
RthJA
Thermal Resistance 1
(Junction-to-Ambient)
1. Mounted on board. For more information, refer to Section 5.
TDA8133
TDA8133D
50
56
°C/W
TJ
Maximum Recommended Junction Temperature
140
°C
TOPER
Operating Free Air Temperature Range
0 to +70
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO1
Output Voltage
IO1 = 10 mA
55.1
5.2
V
VO2
Output Voltage
IO2 = 10 mA
7.84
8.00
8.16
V
VIO1,2
Dropout Voltage
IO1,2 = 750 mA
1.4
V
VO1,2LI
Line Regulation
7V < VIN1 < 14 V
10 V < VIN2 < 14 V
IO1,2 = 200 mA
50
80
mV
VO1,2LO
Load Regulation
5mA < IO1 < 600 mA
5mA < IO2 < 600 mA
100
160
mV
IQ
Quiescent Current
IO1 = 10 mA, OUTPUT2 Disabled
2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com