Electronic Components Datasheet Search
  English  ▼

X  

TSM1051 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM1051
Description  Constant voltage and constant current controller for battery chargers and adaptors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1051 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM1051 Datasheet HTML 1Page - STMicroelectronics TSM1051 Datasheet HTML 2Page - STMicroelectronics TSM1051 Datasheet HTML 3Page - STMicroelectronics TSM1051 Datasheet HTML 4Page - STMicroelectronics TSM1051 Datasheet HTML 5Page - STMicroelectronics TSM1051 Datasheet HTML 6Page - STMicroelectronics TSM1051 Datasheet HTML 7Page - STMicroelectronics TSM1051 Datasheet HTML 8Page - STMicroelectronics TSM1051 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TSM1051
Description
3/15
1
Description
1.1
Pin connection
Figure 1.
Pin connection (top view)
1.2
Pin description
-8
Table 2.
Pin out
Name
Pin n°
Type
Function
SOT23 - 6
SO-8
Vctrl
1
1
Analog input
Input pin of the voltage control loop
Gnd
2
8
Power supply
Ground line. 0 V reference for all voltages
Out
3
7
Current sink
output
Output pin. sinking current only
Ictrl
4
6
Analog input
Input pin of the current control loop
Vsense
5
3
Analog input
Input pin of the current control loop
VCC
6
2
Power supply
Positive power supply line
Nc
5
Not internally connected
Nc
4
Not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com