Electronic Components Datasheet Search
  English  ▼

X  

TSM1051 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSM1051
Description  Constant voltage and constant current controller for battery chargers and adaptors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1051 Datasheet(HTML) 5 Page - STMicroelectronics

  TSM1051 Datasheet HTML 1Page - STMicroelectronics TSM1051 Datasheet HTML 2Page - STMicroelectronics TSM1051 Datasheet HTML 3Page - STMicroelectronics TSM1051 Datasheet HTML 4Page - STMicroelectronics TSM1051 Datasheet HTML 5Page - STMicroelectronics TSM1051 Datasheet HTML 6Page - STMicroelectronics TSM1051 Datasheet HTML 7Page - STMicroelectronics TSM1051 Datasheet HTML 8Page - STMicroelectronics TSM1051 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TSM1051
Electrical characteristics
5/15
2
Electrical characteristics
TA = 25 °C and VCC = +5 V (unless otherwise specified)
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Total current consumption
ICC
Total supply current - not taking the
output sinking current into account
1.1
2
mA
0 < TA < 85 °C
1.2
Voltage control loop
Gmv
Transconduction gain (Vctrl). sink
current only (1)
1.
If the voltage on VCTRL (the negative input of the amplifier) is higher than the positive amplifier input(Vref =
1.210 V), and it is increased by 1mV, the sinking current at the output OUT will be increased by 3.5 mA.
1
3.5
mA/mV
0 < TA < 85 °C
2.5
Vref
Voltage control loop reference (2)
2.
The internal Voltage Reference is set at 1.210 V (bandgap reference). The voltage control loop precision
takes into account the cumulative effects of the internal voltage reference deviation as well as the input
offset voltage of the trans-conductance operational amplifier. The internal Voltage Reference is fixed by
bandgap, and trimmed to 0.5 % accuracy at room temperature.
1.198
1.21
1.222
V
0 < TA < 85 °C
1.186
1.234
Iibv
Input bias current (Vctrl)
50
nA
0 < TA < 85 °C
100
Current control loop
Gmi
Transconduction Gain (Ictrl). Sink
Current Only (3)
3.
When the positive input at ICTRL is lower than -200 mV, and the voltage is decreased by 1mV, the sinking
current at the output OUT will be increased by 7 mA.
1.5
7
mA/mV
VSENSE Current control loop reference
(4)
4.
The internal current sense threshold is set to -200 mV. The current control loop precision takes into
account the cumulative effects of the internal voltage reference deviation as well as the input offset voltage
of the trans-conduction operational amplifier.
IO = 2.5 mA
196
200
204
mV
0 < TA < 85 °C
IO = 2.5 mA
192
208
Iibi
Current out of pin ICTRL at -200 mV
25
µA
0 < TA < 85 °C
50
Output stage
VOL
Low output voltage at 10 mA sinking
current
200
mV
IOS
Output short circuit current. output to
vcc. sink current only
27
50
mA
0 < TA < 85 °C
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com