Electronic Components Datasheet Search
  English  ▼

X  

STM6779MSWY6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM6779MSWY6F
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6779MSWY6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM6779MSWY6F Datasheet HTML 3Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 4Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 5Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 6Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 7Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 8Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 9Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 10Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
Description
7/29
1.1
Pin descriptions
1.1.1
Active-low, push-pull reset output (RST) - STM6718/20/78/80
The RST pin is driven low and stays low whenever VCC1 or VCC2 or RSTIN falls below its
factory-trimmed or adjustable reset threshold or when MR goes to logic low. It remains low
for trec after ALL supply voltages being monitored rise above their reset thresholds and MR
goes from low to high. (Push-pull outputs are referenced to VCC1.)
1.1.2
Active-low, open drain reset output (RST) - STM6717/19/77/79
The RST pin is driven low and stays low whenever VCC1 or VCC2 or RSTIN falls below its
factory-trimmed or adjustable reset threshold or when MR goes to logic low. It remains low
for trec after ALL supply voltages being monitored rise above their reset thresholds and MR
goes from low to high. Connect an external pull-up resistor to VCC1. A 10kΩ pull-up resistor
should be sufficient for most applications.
1.1.3
Push-button reset input (MR)
When MR goes low the RST output is driven low. RST remains low as long as MR is low and
for trec after MR returns to high. This active-low input has an internal 50kΩ pull-up resistor to
Figure 5.
STM6717/18 SOT23-5 connections
Figure 6.
STM6777/78 SOT23-6 connections
Figure 7.
STM6719/20 SOT23-6 connections
Figure 8.
STM6779/80 SOT23-6 connections
1
RST
VCC1
VCC2
MR
VSS
AI10417
2
3
4
5
1
RST
VCC1
VCC2
MR
VSS
AI10418
2
3
4
5
6
MRC
1
RST
VCC1
VCC2
MR
VSS
AI10419
2
3
4
6
5
RSTIN
1
RST
VCC1
MRC
MR
VSS
AI10420
2
3
4
6
5
RSTIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com