Electronic Components Datasheet Search
  English  ▼

X  

STM6779MSWY6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM6779MSWY6F
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6779MSWY6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM6779MSWY6F Datasheet HTML 6Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 7Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 8Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 9Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 10Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 11Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 12Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 13Page - STMicroelectronics STM6779MSWY6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Operation
STM6717/6718/6719/6720/STM6777/6778/6779/6780
10/29
2
Operation
2.1
Applications information
1.
Interfacing to processors with bi-directional reset pins
Most processors with bi-directional reset pins can interface directly to the open drain
RST outputs (STM6717/19/77/79). Systems simultaneously requiring a push-pull RST
output and a bi-directional reset interface can be in logic contention. To prevent this
contention, connect a 4.7k
Ω resistor between RST and the processor’s reset I/O as
shown in Figure 11.
2.
Ensuring a Valid RST Output Down to VCC =0V
The STM67xx Supervisors are guaranteed to be in the correct RST output logic state
when VCC1 and/or VCC2 is greater than 0.8V. In applications which require valid reset
levels down to VCC = 0, a pull-down resistor to active-low outputs (push-pull only, see
Figure 12) will ensure that the reset line is valid while the reset output can no longer
sink or source current. This scheme does NOT work with the open drain outputs of the
STM6717/19/77/79.
The resistor value used is not critical, but it must be large enough not to load the reset
output when VCC is above the reset threshold. For most applications, 100kΩ is
adequate.
Figure 11.
STM67xx interface to processor with bi-directional reset pins
Figure 12.
Ensuring RST valid to VCC = 0 (active-low, push-pull outputs)
AI10425
VCC1
VCC2
VSS
VCC1
STM67xx
RST
To other
system
components
4.7k
Ω
VCC2
VSS
Processor
RESET
AI10426
VCC1
VCC1
VSS
STM67xx
RST
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com