Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-MIC02F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-MIC02F2
Description  2-line IPAD, EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC02F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-MIC02F2_08 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2008
Rev 3
1/8
8
EMIF02-MIC02F2
2-line IPAD™, EMI filter and ESD protection
Features
■ EMI symmetrical (I/O) low-pass filter
■ High efficiency in EMI filtering
■ Lead free package
■ Very low PCB space consuming:
1.42 mm x 0.92 mm
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression
■ High reliability offered by monolithic integration
■ High reducing of parasitic elements through
integration and wafer level packaging
Complies with the following standards
■ IEC 61000-4-2 level 4 on input pins
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC 61000-4-2 level 1 on input pins
– 2 kV (air discharge)
– 2 kV (contact discharge)
Applications
Where EMI filtering in ESD sensitive equipment is
required:
■ Mobile phones and communication systems
■ Computers, printers and MCU Boards
Description
The EMIF02-MIC02 is a highly integrated devices
designed to suppress EMI/RFI noise in all
systems subjected to electromagnetic
interferences. The EMIF02 Flip Chip packaging
means the package size is equal to the die size.
This filter includes an ESD protection circuitry
which prevents the device from destruction when
subjected to ESD surges up 15 kV.
Figure 1.
Pin configuration (bump side)
Figure 2.
Basic cell configuration
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
(6 bumps)
B
1
2
3
A
I1
O1
GND
GND
I2
O2
Input
Output
GND
GND
GND
Low-pass Filter
Ri/o = 470
Cline = 16 pF
W
www.st.com


Similar Part No. - EMIF02-MIC02F2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_11 Datasheet
114Kb / 8P
2-line IPAD?? EMI filter and ESD protection
26-May-2011
More results

Similar Description - EMIF02-MIC02F2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
2-line IPAD?? EMI filter including ESD protection
29-Apr-2008
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
2-line IPAD, EMI filter including ESD protection
17-Apr-2008
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
183Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
2-line IPAD, EMI filter with ESD protection
28-Apr-2008
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_11 Datasheet
114Kb / 8P
2-line IPAD?? EMI filter and ESD protection
26-May-2011
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
2-line IPAD??EMI filter and ESD protection
23-Sep-2011
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2_11 Datasheet
293Kb / 7P
2-line IPAD?? EMI filter and ESD protection
08-Sep-2011
EMIF02-SPK02F2 STMICROELECTRONICS-EMIF02-SPK02F2_12 Datasheet
227Kb / 12P
2-line IPAD?? EMI filter and ESD protection
03-Apr-2012
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_10 Datasheet
195Kb / 8P
2-line IPAD?? EMI filter including ESD protection
08-Feb-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com