Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-MIC02F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF02-MIC02F2
Description  2-line IPAD, EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC02F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF02-MIC02F2_08 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC02F2_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application information
EMIF02-MIC02F2
4/8
2
Application information
Figure 9.
Aplac model
Figure 10.
Aplac parameters
MODEL = D01-gnd
Rsubump
Rsubump
Cox
Cox
Rsubump
Cox
Rsubump
Cox
gnd
MODEL = D01-ext
MODEL = D01-int
MODEL = D01-ext
MODEL = D01-int
R_470R
R_470R
I2
I1
O1
O2
gnd
50pH
50m
Lgnd
Rgnd
Cgnd
50pH
50m
Lgnd
Rgnd
Cgnd
Model D01-ext
BV = 7
CJO = Cz_ext
IBV = 1u
IKF = 1000
IS = 10f
ISR = 100p
N = 1
M = 0.3333
RS = Rs_ext
VJ = 0.6
TT = 50n
Ls 400pH
Rs 100m
R_470R 482.6
Cz_ext 8.73pF
Rs_ext 850m
Cz_int 2.9pF
Rs_int 850m
Cz_gnd 215.61pF
Rs_gnd 470m
Rgnd 10m
Lgnd 48pH
Cgnd 0.15pF
Cox 3.05pF
Rsubump 200m
Model D01-int
BV = 7
CJO = Cz_int
IBV = 1u
IKF = 1000
IS = 10f
ISR = 100p
N = 1
M = 0.3333
RS = Rs_int
VJ = 0.6
TT = 50n
Model D01-gnd
BV = 7
CJO = Cz_gnd
IBV = 1u
IKF = 1000
IS = 10f
ISR = 100p
N = 1
M = 0.3333
RS = Rs_gnd
VJ = 0.6
TT = 50n



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com