Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-MIC03M6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF02-MIC03M6
Description  2-line IPAD, EMI filter and ESD protection for microphone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC03M6 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF02-MIC03M6 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 8Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
EMIF02-MIC03M6
2/10
1
Characteristics
Table 1.
Absolute ratings (limiting values at Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC61000-4-2 contact discharge
8
kV
Tj
Junction temperature
125
°C
Top
Operating temperature range
-40 to + 85
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic resistance
IPP
Peak pulse current
RI/O
Series resistance between Input & Output
Cline
Input capacitance per line
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
8
V
IRM
VRM = 3 V per line
500
nA
RI/O
Tolerance ± 20%
68
Ω
Cline
(1)
VR = 0 V, F = 1 MHz, VOSC = 30 mV
45
pF
1.
Tolerance ±20%
I
V
IPP
VCL
VBR
VRM
IR
IRM
IRM
IR
IPP
VRM
VBR
VCL
Figure 3.
S21 attenuation measurement
Figure 4.
Analog cross talk measurements
(MIC R / MIC L)
300.0k
1.0M
3.0M
10.0M 30.0M 100.0M 300.0M 1.0G
3.0G
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
dB
F (Hz)
300.0k
1.0M
3.0M
10.0M 30.0M 100.0M 300.0M 1.0G
3.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
R- L
Xtalk L-R
300.0k
1.0M
3.0M
10.0M 30.0M 100.0M 300.0M 1.0G
3.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
Xtalk
L
dB
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com