Electronic Components Datasheet Search
  English  ▼

X  

L6713A Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 39Page - STMicroelectronics L6713A Datasheet HTML 40Page - STMicroelectronics L6713A Datasheet HTML 41Page - STMicroelectronics L6713A Datasheet HTML 42Page - STMicroelectronics L6713A Datasheet HTML 43Page - STMicroelectronics L6713A Datasheet HTML 44Page - STMicroelectronics L6713A Datasheet HTML 45Page - STMicroelectronics L6713A Datasheet HTML 46Page - STMicroelectronics L6713A Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
L6713A
Soft-start
43/64
Protections are active during soft-start, UVP is enabled after the reference reaches 0.6V
while OVP is always active with a fixed 1.24V threshold before VBOOT and with the threshold
coming from the VID (or the programmed VOVP) after VBOOT (See red-dashed line in
Figure 15).
Note:
If during T3 the programmed VID selects an output voltage lower than VBOOT, the output
voltage will ramp to the programmed voltage starting from VBOOT.
16.1.1
SS/LTB/AMD connections when using LTB™ gain = 2
SS/LTB/AMD pin sets then the output voltage dV/dt during soft-start according to the
resistor RSSOSC connected vs. SSEND/PGOOD pin through a signal diode(See Figure 16).
Figure 16.
SS/LTBG/AMD connections for INTEL mode, when using LTB™ gain = 2
where TSS is the time spent to reach the programmed voltage VSS and RSSOSC the resistor
connected between SS/LTBG/AMD and SSEND (through a signal diode) in k
Ω.
SSEND/PGOOD
RSSOSC
SS/LTBG/AMD
RPull-Up
VPull-Up
to SSEND Logic
R
SSOSC kΩ
[]
T
2 μs
[] 4.9783 10
2
–
1.24
V
DIODE V
[]
–
1.24
-----------------------------------------------
⋅⋅
⋅
=
T
SS μs
[]
1075
μs
[]
R
SSOSC kΩ
[]
5.3816 10
2
–
⋅
-----------------------------------
1.24
1.24
V
DIODE V
[]
–
----------------------------------------------- V
SS
⋅⋅
R
SSOSC kΩ
[]
5.3816 10
2
–
⋅
-----------------------------------
1.24
1.24
V
DIODE V
[]
–
-----------------------------------------------
V
BOOT
V
BOOT
V
SS
–
()
+
[]
⋅⋅
⎩
⎪
⎪
⎨
⎪
⎪
⎧
+
=
a)
b)
a
) if V
SS
V
BOOT
>
()
b
) if V
SS
V
BOOT
<
()
⎩
⎪
⎨
⎪
⎧



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com