Electronic Components Datasheet Search
  English  ▼

X  

L6713A Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 40Page - STMicroelectronics L6713A Datasheet HTML 41Page - STMicroelectronics L6713A Datasheet HTML 42Page - STMicroelectronics L6713A Datasheet HTML 43Page - STMicroelectronics L6713A Datasheet HTML 44Page - STMicroelectronics L6713A Datasheet HTML 45Page - STMicroelectronics L6713A Datasheet HTML 46Page - STMicroelectronics L6713A Datasheet HTML 47Page - STMicroelectronics L6713A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Soft-start
L6713A
44/64
Figure 17.
Soft-start time for Intel mode when using RSSOSC, diode versus SSEND
16.1.2
SS/LTB/AMD connections when using LTB™ gain < 2
When using LTB™ gain <2, the equivalent RSSOSC resistance is composed by the sum of
R1+R2) because until the soft-start is not finished the Q transistor is OFF (See Figure 18).
Figure 18.
SS/LTBG/AMD connections for INTEL mode, when using LTB™ gain < 2
where TSS is the time spent to reach the programmed voltage VSS and RSSOSC the resistor
connected between SS/LTBG/AMD and SGND (RSSOSC = R1 + R2) in kΩ.
0
1
2
3
4
5
6
7
1
10
100
1000
Rssosc [kOhms] vs. SSEND through sognal diode
Time to Vboot
Time to 1.6000V
SS/LTBG/ AMD
SS_END
R2
R1
Q
RPull-Up(1k)
VPull-Up(1.2V)
to SSEND Logic
Rb(10k)
RSSOSC=R1+R2
R
SSOSC kΩ
[]
T
2 μs
[] 4.9783 10
2
–
⋅⋅
=
T
SS μs
[]
1075
μs
[]
R
SSOSC kΩ
[]
5.3816 10
2
–
⋅
----------------------------------- V
SS
⋅
if V
SS
V
BOOT
>
()
R
SSOSC kΩ
[]
5.3816 10
2
–
⋅
-----------------------------------
V
BOOT
V
BOOT
V
SS
–
()
+
[]
⋅
if V
SS
V
BOOT
<
()
⎩
⎪
⎪
⎨
⎪
⎪
⎧
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com