Electronic Components Datasheet Search
  English  ▼

X  

M27W512 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M27W512
Description  512 Kbit (64 Kbit x8) low-voltage OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M27W512 Datasheet HTML 5Page - STMicroelectronics M27W512 Datasheet HTML 6Page - STMicroelectronics M27W512 Datasheet HTML 7Page - STMicroelectronics M27W512 Datasheet HTML 8Page - STMicroelectronics M27W512 Datasheet HTML 9Page - STMicroelectronics M27W512 Datasheet HTML 10Page - STMicroelectronics M27W512 Datasheet HTML 11Page - STMicroelectronics M27W512 Datasheet HTML 12Page - STMicroelectronics M27W512 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
M27W512
Device operation
9/22
Figure 3.
Programming flowchart
2.5
Programming
The M27W512 has been designed to be fully compatible with the M27C512 and has the
same electronic signature. As a result, the M27W512 can be programmed as the M27C512
on the same programming equipment applying 12.75V on VPP and 6.25V on VCC. The
M27W512 can use PRESTO IIB Programming Algorithm that drastically reduces the
programming time. Nevertheless to achieve compatibility with all programming equipment,
PRESTO II Programming Algorithm can be used as well. When delivered, all bits of the
M27W512 are in the '1' state. Data is introduced by selectively programming '0's into the
desired bit locations. Although only '0's will be programmed, both '1's and '0's can be
present in the data word. The M27W512 is in the programming mode when VPP input is at
12.75V and E is pulsed to VIL. The data to be programmed is applied to 8 bits in parallel to
the data output pins. The levels required for the address and data inputs are TTL. VCC is
specified to be 6.25V ± 0.25V.
AI00738C
n = 0
Last
Addr
VERIFY
E = 100
μs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12.75V
FAIL
CHECK ALL BYTES
1st: VCC = 5V
2nd: VCC = 2.7V
YES
NO
YES
NO
YES
NO
SET MARGIN MODE
RESET MARGIN MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com