Electronic Components Datasheet Search
  English  ▼

X  

L6924U Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 4Page - STMicroelectronics L6924U Datasheet HTML 5Page - STMicroelectronics L6924U Datasheet HTML 6Page - STMicroelectronics L6924U Datasheet HTML 7Page - STMicroelectronics L6924U Datasheet HTML 8Page - STMicroelectronics L6924U Datasheet HTML 9Page - STMicroelectronics L6924U Datasheet HTML 10Page - STMicroelectronics L6924U Datasheet HTML 11Page - STMicroelectronics L6924U Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Electrical characteristics
L6924U
8/38
4
Electrical characteristics
Table 5.
Electrical characteristics (TJ = 25 °C, VIN = 5 V, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VIN
(1)
Operating input voltage
2.5
12
V
Start up threshold
4.1
V
IIN
(1)
Supply current
Charging mode (RPRG = 24 kΩ)1.8
2.5
mA
Shutdown mode (RPRG = 24 kΩ)60
80
µA
ISINK
Current flowing from VOUT
Shutdown mode (RPRG = 24 kΩ)500
nA
Stand by mode (RPRG = 24 kΩ)
(VIN = 2.5 V < VBATTERY)
500
nA
VOUT
(1)
Battery regulated voltage
4.16
4.2
4.24
V
IAC
Charge current with AC
adapter input
MODE at GND, RPRG = 24 kΩ
450
490
525
mA
MODE at GND, RPRG = 12 kΩ
905
975
1045
mA
IUSB
Charge current with USB
input
MODE at HIGH, ISEL at HIGH,
RPRG-USB = 24 kΩ
450
490
525
mA
MODE at HIGH, ISEL at LOW,
RPRG-USB = 2 4 kΩ
86
96
105
IPRE_AC
Pre-charge current with AC
input
MODE at GND,
RAC = 24 kΩ
41
49
56
mA
IPRE_USB
Pre-charge current with USB
input (high power mode)
MODE at HIGH, ISEL at HIGH
RUSB = 24 kΩ
41
49
56
mA
Pre-charge current with USB
input (low power mode)
MODE at HIGH, ISEL at LOW
RUSB = 24 kΩ
7.6
9.6
11.4
mA
VPRETH
Pre-charge voltage threshold
2.9
3.0
3.1
V
IENDTH
Termination current
REND = 3.3 kΩ
12
16
20
mA
TMAXCH
(2)
Maximum charging time
CTPRG = 10 nF
R[IPRG] = 24 kΩ
3hours
TMAXCH
(2)
Maximum charging time
accuracy
CTPRG = 5.6n F
RPRG = 24 kΩ
10
%
SDTH
Shutdown threshold high
2
V
Shutdown threshold low
0.4
V
ST1,2
Output status sink current
Status on
10
mA
MODETH
MODE threshold high
1.3
V
MODE threshold low
0.4
V
ISELTH
ISEL threshold high
1.3
V
ISEL threshold low
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com