Electronic Components Datasheet Search
  English  ▼

X  

L6924U Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 4 Page - STMicroelectronics

  L6924U Datasheet HTML 1Page - STMicroelectronics L6924U Datasheet HTML 2Page - STMicroelectronics L6924U Datasheet HTML 3Page - STMicroelectronics L6924U Datasheet HTML 4Page - STMicroelectronics L6924U Datasheet HTML 5Page - STMicroelectronics L6924U Datasheet HTML 6Page - STMicroelectronics L6924U Datasheet HTML 7Page - STMicroelectronics L6924U Datasheet HTML 8Page - STMicroelectronics L6924U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Device description
L6924U
4/38
1
Device description
The L6924U is a fully monolithic battery charger that safely charges single-cell
Li-Ion/Polymer battery from either USB power source or AC adapter. In USB mode, the
L6924U supports both low power and high power mode. Alternatively the device can charge
from AC wall adapter.
The ideal solution for space-limited portable products is produced in BCD6 technology and
integrates the power MOSFET, reverse blocking diode, sense resistor and thermal
protection into a compact VFQFPN16 package. When an external voltage regulated adapter
or USB port is used, the L6924U works in linear mode, and charges the battery in a
constant current constant voltage (CC/CV) profile. Moreover, when a current-limited adapter
is used, the device can operate in quasi-pulse mode, dramatically reducing the power
dissipation. Regardless of the charging approach, a closed loop thermal control avoids
device overheating. The device has an operating input voltage ranging from 2.5 V to 12 V
and it allows the user to program many parameters, such as fast-charge current, end-of-
charge current threshold, and charge timer. The L6924U offers two open collector outputs
for diagnostic purposes, which can be used to either drive two external LEDs or
communicate with a host microcontroller. Finally, the L6924U also provides other features
like gas gauge function, check for battery presence, and monitoring and protecting the
battery from unsafe thermal conditions.
Figure 2.
Basis application schematic
Figure 1.
Minimum size application board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com