Electronic Components Datasheet Search
  English  ▼

X  

L6933H12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6933H12
Description  High performance 2A ULDO linear regulator with Soft Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6933H12 Datasheet(HTML) 1 Page - STMicroelectronics

  L6933H12 Datasheet HTML 1Page - STMicroelectronics L6933H12 Datasheet HTML 2Page - STMicroelectronics L6933H12 Datasheet HTML 3Page - STMicroelectronics L6933H12 Datasheet HTML 4Page - STMicroelectronics L6933H12 Datasheet HTML 5Page - STMicroelectronics L6933H12 Datasheet HTML 6Page - STMicroelectronics L6933H12 Datasheet HTML 7Page - STMicroelectronics L6933H12 Datasheet HTML 8Page - STMicroelectronics L6933H12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2007
Rev 3
1/12
12
L6933H1.2
High performance 2A ULDO linear regulator with Soft Start
Features
■ 2 V to 14 V input voltage range
■ 200 mΩ rDS(on) max
■ 200 µA quiescent current at any load
■ Excellent load and line regulation
■ Adjustable from 1.2 V to 5 V
■ 1 % voltage regulation accuracy
■ Power Good output
■ MLCC capacitors filter supported
■ Adjustable Soft Start
■ Short circuit protection
■ Thermal shut down
■ HSOP8 package
Applications
■ Motherboards, mobile PC
■ Hand-held instruments
■ PCMCIA Cards
■ Processors I/O
■ Chipset and RAM supply
Description
The L6933H1.2 ultra low drop output linear
regulator operates from 2 V to 14 V and is able to
support output current up to 2 A. Designed with
an interna
l 50 m
Ω N-channel MOSFET, it can be
used for on board DC-DC conversions saving in
real estate, list of components, low noise
generation and power dissipation. L6933H1.2 is
available as adjustable version from 1.2 V to 5 V
with a voltage regulation accuracy of 1 %.
A Soft Start function allows the device to smoothly
increase the Output Voltage at the start-up,
avoiding overshoot. Inhibit function is provided.
The upper current limit is fixed at 2.5 A to control
the current in short circuit condition within ± 8 %.
The current is sensed in the power MOS in order
to limit the power dissipation.
The device is also provided with a thermal shut
down that limits the internal temperature at
150 °C with a histeresys of 20 °C.
HSOP8
www.st.com
Figure 1.
Typical operating circuit
Table 1. Device summary
Order codes
Package
Packaging
L6933H1.2
HSOP8
Tube
L6933H1.2TR
HSOP8
Tape and reel


Similar Part No. - L6933H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
More results

Similar Description - L6933H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
logo
ON Semiconductor
NCP631 ONSEMI-NCP631 Datasheet
84Kb / 10P
3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
logo
Texas Instruments
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
High performance 3 A ULDO linear regulator
20-May-2008
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
High performance 2A ULDO linear regulator
07-May-2007
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
Low Dropout Linear Regulator Controller with Soft-Start
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com