Electronic Components Datasheet Search
  English  ▼

X  

TDA7386 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7386
Description  4 x 45W quad bridge car radio amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7386 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7386_07 Datasheet HTML 1Page - STMicroelectronics TDA7386_07 Datasheet HTML 2Page - STMicroelectronics TDA7386_07 Datasheet HTML 3Page - STMicroelectronics TDA7386_07 Datasheet HTML 4Page - STMicroelectronics TDA7386_07 Datasheet HTML 5Page - STMicroelectronics TDA7386_07 Datasheet HTML 6Page - STMicroelectronics TDA7386_07 Datasheet HTML 7Page - STMicroelectronics TDA7386_07 Datasheet HTML 8Page - STMicroelectronics TDA7386_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
December 2007
Rev 2
1/14
1
TDA7386
4 x 45W quad bridge car radio amplifier
Features
■ High output power capability:
■ 4 x 45W/4Ω max.
■ 4 x 28W/4Ω @ 14.4V, 1KHz, 10%
■ 4 x 24W/4Ω @ 13.2V, 1KHz, 10%
■ Low distortion
■ Low output noise
■ St-by function
■ Mute function
■ Automute at min. supply voltage detection
■ Low external component count:
– Internally fixed gain (26dB)
– No external compensation
– No bootstrap capacitors
Protections
■ Output short circuit to GND, to VS, across the
load
■ Very inductive loads
■ Overrating chip temperature with soft thermal
limiter
■ Load dump voltage
■ Fortuitous open GND
■ Reversed battery
■ ESD
Description
The TDA7386 is a new technology class AB audio
power amplifier in Flexiwatt 25 package designed
for high end car radio applications.
Thanks to the fully complementary PNP/NPN
output configuration the TDA7386 allows a rail to
rail output voltage swing with no need of bootstrap
capacitors. The extremely reduced components
count allows very compact sets.
Flexiwatt25
Table 1.
Device summary
Order code
Package
Packing
TDA7386
Flexiwatt25
Tube
www.st.com


Similar Part No. - TDA7386_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
More results

Similar Description - TDA7386_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7560 STMICROELECTRONICS-TDA7560 Datasheet
353Kb / 10P
4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Nov-1999
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7560 STMICROELECTRONICS-TDA7560_05 Datasheet
277Kb / 11P
4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Feb-2005
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com