Electronic Components Datasheet Search
  English  ▼

X  

TDA7386 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7386
Description  4 x 45W quad bridge car radio amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7386 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7386_07 Datasheet HTML 1Page - STMicroelectronics TDA7386_07 Datasheet HTML 2Page - STMicroelectronics TDA7386_07 Datasheet HTML 3Page - STMicroelectronics TDA7386_07 Datasheet HTML 4Page - STMicroelectronics TDA7386_07 Datasheet HTML 5Page - STMicroelectronics TDA7386_07 Datasheet HTML 6Page - STMicroelectronics TDA7386_07 Datasheet HTML 7Page - STMicroelectronics TDA7386_07 Datasheet HTML 8Page - STMicroelectronics TDA7386_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TDA7386
Block and pins connection diagram
5/14
1
Block and pins connection diagram
Figure 1.
Block diagram
Figure 2.
Pins connection (top view)
IN1
0.1µF
MUTE
ST-BY
IN2
0.1µF
OUT1+
OUT1-
OUT2+
OUT2-
PW-GND
IN3
0.1µF
IN4
0.1µF
OUT3+
OUT3-
OUT4+
OUT4-
PW-GND
PW-GND
PW-GND
D99AU1018A
AC-GND
0.47µF
47µF
SVR
TAB
S-GND
Vcc1
Vcc2
100nF
2200µF
N.C.
D94AU159B
1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com