Electronic Components Datasheet Search
  English  ▼

X  

M48Z32V Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48Z32V
Description  3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z32V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48Z32V Datasheet HTML 6Page - STMicroelectronics M48Z32V Datasheet HTML 7Page - STMicroelectronics M48Z32V Datasheet HTML 8Page - STMicroelectronics M48Z32V Datasheet HTML 9Page - STMicroelectronics M48Z32V Datasheet HTML 10Page - STMicroelectronics M48Z32V Datasheet HTML 11Page - STMicroelectronics M48Z32V Datasheet HTML 12Page - STMicroelectronics M48Z32V Datasheet HTML 13Page - STMicroelectronics M48Z32V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Operating modes
M48Z32V
10/19
Table 4.
Write mode AC characteristics
2.3
Data retention mode
With valid VCC applied, the M48Z32V operates as a conventional BYTEWIDE™ static RAM.
Should the supply voltage decay, the RAM will automatically power-fail deselect, write
protecting itself when VCC falls within the VPFD (max), VPFD (min) window. All outputs
become high impedance, and all inputs are treated as “Don't care.”
Note:
A power failure during a WRITE cycle may corrupt data at the currently addressed location,
but does not jeopardize the rest of the RAM's content. At voltages below VPFD(min), the
user can be assured the memory will be in a write protected state, provided the VCC fall time
is not less than tF. The M48Z32V may respond to transient noise spikes on VCC that reach
into the deselect window during the time the device is sampling VCC. Therefore, decoupling
of the power supply lines is recommended.
When VCC drops below VSO, the control circuit switches power to the external battery which
preserves data.
As system power returns and VCC rises above VSO, the battery is disconnected, and the
power supply is switched to external VCC. Write protection continues until VCC reaches
VPFD(min) plus tREC(min). Normal RAM operation can resume tREC after VCC exceeds
VPFD(max).
For more information on Battery Storage Life refer to the Application Note AN1012.
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 3.0 to 3.6V (except where noted).
M48Z32V
Unit
–35
Min
Max
tAVAV
WRITE cycle time
35
ns
tAVWL
Address valid to WRITE enable low
0
ns
tAVEL
Address valid to chip enable low
0
ns
tWLWH
WRITE enable pulse width
25
ns
tELEH
Chip enable low to chip enable high
25
ns
tWHAX
WRITE enable high to address transition
0
ns
tEHAX
Chip enable high to address transition
0
ns
tDVWH
Input valid to WRITE enable high
12
ns
tDVEH
Input valid to chip enable high
12
ns
tWHDX
WRITE enable high to input transition
0
ns
tEHDX
Chip enable high to input transition
0
ns
tWLQZ
(2)(3)
2.
CL = 5pF (see Figure 8 on page 16).
3.
If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
WRITE enable low to output Hi-Z
13
ns
tAVWH
Address valid to WRITE enable high
25
ns
tAVEH
Address valid to chip enable high
25
ns
tWHQX
(2)(3)
WRITE enable high to output transition
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com