Electronic Components Datasheet Search
  English  ▼

X  

TDA7563APD Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7563APD
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563APD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7563APD Datasheet HTML 4Page - STMicroelectronics TDA7563APD Datasheet HTML 5Page - STMicroelectronics TDA7563APD Datasheet HTML 6Page - STMicroelectronics TDA7563APD Datasheet HTML 7Page - STMicroelectronics TDA7563APD Datasheet HTML 8Page - STMicroelectronics TDA7563APD Datasheet HTML 9Page - STMicroelectronics TDA7563APD Datasheet HTML 10Page - STMicroelectronics TDA7563APD Datasheet HTML 11Page - STMicroelectronics TDA7563APD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Electrical specifications
TDA7563A
8/35
THD
Total harmonic distortion
PO = 1 to 10W; STD MODE
HE MODE; PO = 1.5W
HE MODE; PO = 8W
0.015
0.01
0.1
0.1
0.1
0.5
%
%
%
PO = 1-10W, f = 10kHz; STD mode
0.15
0.5
%
RL = 2Ω; HE MODE; Po = 3W
0.02
0.5
%
GV = 12dB; STD mode
VO = 0.1 to 5 VRMS
0.015
0.1
%
CT
Cross talk
f = 1kHz to 10kHz, Rg = 600Ω
50
60
dB
RIN
Input impedance
60
100
130
K
Ω
GV1
Voltage gain 1 (default)
25
26
27
dB
ΔG
V1
Voltage gain match 1
-1
1
dB
GV2
Voltage gain 2
11
12
13
dB
ΔG
V2
Voltage gain match 2
-1
1
dB
EIN1
Output noise voltage 1
Rg = 600
Ω;
filter 20 Hz to 22 kHz
35
µV
EIN2
Output noise voltage 2
Rg = 600
Ω; G
V = 12dB
filter 20 Hz to 22 kHz
11
µV
SVR
Supply voltage rejection
f = 100Hz to 10kHz; Vr = 1Vpk;
Rg = 600Ω
50
70
dB
BW
Power bandwidth
100
kHz
ASB
Standby attenuation
90
110
dB
ISB
Standby current
Vstandby = 0
1
10
µA
AM
Mute attenuation
80
100
dB
VOS
Offset voltage
Mute & Play
-60
0
60
mV
VAM
Min. supply mute threshold
7
7.5
8
V
TON
Turn on delay
D2/D1 (IB1) 0 to 1
5
20
ms
TOFF
Turn off delay
D2/D1 (IB1) 1 to 0
5
20
ms
VSBY
Standby/mute pin for standby
0
1.5
V
VMU
Standby/mute pin for mute
3.5
5
V
CMRR
Input CMRR
VCM = 1Vpk-pk; Rg = 0 Ω
55
dB
VOP
Standby/mute pin for operating
7
VS
V
IMU
Standby/mute pin current
Vstandby/mute = 8.5V
20
40
μA
Vstandby/mute < 1.5V
0
5
μA
CDLK
Clip det. high leakage current
CD off / VCD = 6V
0
5
μA
CDSAT
Clip det. saturation voltage
CD on; ICD = 1mA
300
mV
Table 3.
Electrical characteristics (continued)
(Refer to the test circuit, VS = 14.4V; f=1kHz; RL=4Ω; Tamb= 25°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com