Electronic Components Datasheet Search
  English  ▼

X  

TDA7563APD Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7563APD
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563APD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7563APD Datasheet HTML 6Page - STMicroelectronics TDA7563APD Datasheet HTML 7Page - STMicroelectronics TDA7563APD Datasheet HTML 8Page - STMicroelectronics TDA7563APD Datasheet HTML 9Page - STMicroelectronics TDA7563APD Datasheet HTML 10Page - STMicroelectronics TDA7563APD Datasheet HTML 11Page - STMicroelectronics TDA7563APD Datasheet HTML 12Page - STMicroelectronics TDA7563APD Datasheet HTML 13Page - STMicroelectronics TDA7563APD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical specifications
TDA7563A
10/35
2.4
Electrical characteristics curves
VO
Offset detection
Power amplifier in play, STD mode
AC input signals = 0
±1.5
±2
±2.5
V
INL
Normal load current detection
VO < (VS-5)pk
500
mA
IOL
Open load current detection
250
mA
I2C bus interface
SCL
Clock frequency
400
kHz
VIL
Input low voltage
1.5
V
VIH
Input high voltage
2.3
V
Figure 5.
Quiescent current vs. supply voltage
Figure 6.
Output power vs. supply voltage (4
Ω)
Figure 7.
Output power vs. supply voltage (2
Ω) Figure 8.
Distortion vs. output power (4
Ω, STD)
Table 3.
Electrical characteristics (continued)
(Refer to the test circuit, VS = 14.4V; f=1kHz; RL=4Ω; Tamb= 25°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
8
10
121416
18
Vs (V)
70
90
110
130
150
170
190
210
230
250
Id (mA)
Vin = 0
NO LOADS
Vs (V)
8
9
10
11
12
13
14
15
16
17
18
5
10
15
20
25
30
35
40
45
50
55
60
65
70
Po (W)
RL = 4 Ohm
f = 1 KHz
THD = 10 %
Po-max
THD = 1 %
8
9
10
11
12
13
14
15
16
Vs (V)
10
20
30
40
50
60
70
80
90
100
Po (W)
RL = 2 Ohm
f = 1 KHz
THD = 10 %
Po-max
THD = 1 %
0.001
0.01
0.1
1
10
0.1
1
10
100
Po (W)
THD (%)
STANDARD MODE
VS = 14.4 V
RL = 4
Ω
f = 1 KHz
f = 10 KHz
AC00251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com