Electronic Components Datasheet Search
  English  ▼

X  

M48Z129Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z129Y
Description  5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129Y Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z129Y Datasheet HTML 1Page - STMicroelectronics M48Z129Y Datasheet HTML 2Page - STMicroelectronics M48Z129Y Datasheet HTML 3Page - STMicroelectronics M48Z129Y Datasheet HTML 4Page - STMicroelectronics M48Z129Y Datasheet HTML 5Page - STMicroelectronics M48Z129Y Datasheet HTML 6Page - STMicroelectronics M48Z129Y Datasheet HTML 7Page - STMicroelectronics M48Z129Y Datasheet HTML 8Page - STMicroelectronics M48Z129Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
March 2005
M48Z129Y*
M48Z129V
5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
* Contact local ST sales office for availability.
FEATURES SUMMARY
■
INTEGRATED, ULTRA LOW POWER SRAM,
POWER-FAIL CONTROL CIRCUIT, AND
BATTERY
■
CONVENTIONAL SRAM OPERATION;
UNLIMITED WRITE CYCLES
■
10 YEARS OF DATA RETENTION IN THE
ABSENCE OF POWER
■
MICROPROCESSOR POWER-ON RESET
(RESET VALID EVEN DURING BATTERY
BACK-UP MODE)
■
BATTERY LOW PIN - PROVIDES WARNING
OF BATTERY END-OF-LIFE
■
AUTOMATIC POWER-FAIL CHIP
DESELECT AND WRITE PROTECTION
■
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
–
M48Z129Y: VCC = 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
–
M48Z129V: VCC = 3.0 to 3.6V
2.7V
≤ VPFD ≤ 3.0V
■
SELF-CONTAINED BATTERY IN THE
CAPHAT™ DIP PACKAGE
■
PIN AND FUNCTION COMPATIBLE WITH
JEDEC STANDARD 128K x 8 SRAMs
Figure 1. 32-pin PMDIP Module
32
1
PMDIP32 (PM)
Module


Similar Part No. - M48Z129Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
324Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
23-Jun-2010
M48Z129Y-70PM1 STMICROELECTRONICS-M48Z129Y-70PM1 Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z129Y-70PM1 STMICROELECTRONICS-M48Z129Y-70PM1 Datasheet
324Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
23-Jun-2010
M48Z129Y-85PM1 STMICROELECTRONICS-M48Z129Y-85PM1 Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
More results

Similar Description - M48Z129Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
295Kb / 21P
5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
Rev. 3.4
logo
Hanbit Electronics Co.,...
HMNR1288D HANBIT-HMNR1288D Datasheet
315Kb / 14P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM
05-Nov-2007
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
Feb-2005
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
307Kb / 17P
5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
Mar-2005
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48T128Y STMICROELECTRONICS-M48T128Y_10 Datasheet
364Kb / 23P
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
18-Jun-2010
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
23-Jun-2010
logo
DLG Hanbit co.,Ltd.
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com