Electronic Components Datasheet Search
  English  ▼

X  

TS4962 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS4962 Datasheet HTML 4Page - STMicroelectronics TS4962 Datasheet HTML 5Page - STMicroelectronics TS4962 Datasheet HTML 6Page - STMicroelectronics TS4962 Datasheet HTML 7Page - STMicroelectronics TS4962 Datasheet HTML 8Page - STMicroelectronics TS4962 Datasheet HTML 9Page - STMicroelectronics TS4962 Datasheet HTML 10Page - STMicroelectronics TS4962 Datasheet HTML 11Page - STMicroelectronics TS4962 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Application component information
TS4962
8/46
2
Application component information
Figure 1.
Typical application schematics
Table 4.
Component information
Component
Functional description
CS
Bypass supply capacitor. Install as close as possible to the TS4962 to
minimize high-frequency ripple. A 100nF ceramic capacitor should be added
to enhance the power supply filtering at high frequency.
Rin
Input resistor used to program the TS4962 differential gain (Gain = 300k
Ω/Rin
with Rin in kΩ).
Input capacitor
Because of common mode feedback these input capacitors are optional.
However, they can be added to form with Rin a 1st order high pass filter with
-3dB cut-off frequency = 1/(2*
π*R
in*Cin).
Rin
Rin
Cs
1u
GND
GND
GND
Vcc
Vcc
SPEAKER
capacitors
Input
are optional
+
-
Differential
Input
In+
GND
In-
GND
In-
Stdby
In+
Out-
Out+
Vcc
1
4
3
7
8
6
5
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
Rin
Rin
Cs
1u
GND
GND
GND
Vcc
Vcc
+
-
Differential
Input
capacitors
Input
are optional
In+
GND
In-
GND
2µF
15µH
15µH
Load
4 Ohms LC Output Filter
8 Ohms LC Output Filter
2µF
GND
1µF
30µH
30µH
1µF
GND
In-
Stdby
In+
Out-
Out+
Vcc
1
4
3
7
8
6
5
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com