Electronic Components Datasheet Search
  English  ▼

X  

TS4962 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4962 Datasheet HTML 1Page - STMicroelectronics TS4962 Datasheet HTML 2Page - STMicroelectronics TS4962 Datasheet HTML 3Page - STMicroelectronics TS4962 Datasheet HTML 4Page - STMicroelectronics TS4962 Datasheet HTML 5Page - STMicroelectronics TS4962 Datasheet HTML 6Page - STMicroelectronics TS4962 Datasheet HTML 7Page - STMicroelectronics TS4962 Datasheet HTML 8Page - STMicroelectronics TS4962 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
January 2007
Rev 7
1/46
1
TS4962
2.8W filter-free mono class D audio power amplifier
Features
■ Operating from VCC=2.4V to 5.5V
■ Standby mode active low
■ Output power: 2.8W into 4
Ω and 1.7W into 8Ω
with 10% THD+N max and 5V power supply
■ Output power: 2.2W @5V or 0.7W @ 3.0V into
4
Ω with 1% THD+N max.
■ Output power: 1.4W @5V or 0.5W @ 3.0V into
8
Ω with 1% THD+N max.
■ Adjustable gain via external resistors
■ Low current consumption 2mA @ 3V
■ Efficiency: 88% typ.
■ Signal to noise ratio: 85dB typ.
■ PSRR: 63dB typ. @217Hz with 6dB gain
■ PWM base frequency: 280kHz
■ Low pop & click noise
■ Thermal shutdown protection
■ Available in DFN8 3X3 mm package
Description
The TS4962 is a differential class-D BTL power
amplifier. It is able to drive up to 2.2W into a 4
Ω
load and 1.4W into a 8
Ω load at 5V. It achieves
outstanding efficiency (88% typ.) compared to
standard AB-class audio amps.
The gain of the device can be controlled via two
external gain-setting resistors. Pop & click
reduction circuitry provides low on/off switch noise
while allowing the device to start within 5ms. A
standby function (active low) allows the reduction
of current consumption to 10nA typ.
Applications
■ Cellular phone
■ PDA
■ Notebook PC
DFN8 3x3 mm
TS4962IQT - Pinout
www.st.com


Similar Part No. - TS4962

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
3W Filter-free Class D Audio Power Amplifier
Feb-2005
TS4962 STMICROELECTRONICS-TS4962 Datasheet
997Kb / 44P
2.8 W filter-free mono class D audio power amplifier
17-Mar-2020
TS4962EIJT STMICROELECTRONICS-TS4962EIJT Datasheet
1Mb / 22P
3W Filter-free Class D Audio Power Amplifier
Feb-2005
TS4962EKIJT STMICROELECTRONICS-TS4962EKIJT Datasheet
1Mb / 22P
3W Filter-free Class D Audio Power Amplifier
Feb-2005
TS4962IJT STMICROELECTRONICS-TS4962IJT Datasheet
1Mb / 22P
3W Filter-free Class D Audio Power Amplifier
Feb-2005
More results

Similar Description - TS4962

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
2.8W Mono Class D Audio Power Amplifier with AGC
logo
Texas Instruments
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
Mono Filter-Free Class-D Audio Power Amplifier
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
MONO Filter-free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
Filter-Free Mono Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com