Electronic Components Datasheet Search
  English  ▼

X  

TDA7439 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7439
Description  Three-band digitally-controlled audio processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7439 Datasheet HTML 2Page - STMicroelectronics TDA7439 Datasheet HTML 3Page - STMicroelectronics TDA7439 Datasheet HTML 4Page - STMicroelectronics TDA7439 Datasheet HTML 5Page - STMicroelectronics TDA7439 Datasheet HTML 6Page - STMicroelectronics TDA7439 Datasheet HTML 7Page - STMicroelectronics TDA7439 Datasheet HTML 8Page - STMicroelectronics TDA7439 Datasheet HTML 9Page - STMicroelectronics TDA7439 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical specifications
TDA7439
6/23
Speaker attenuators
Crange
Control range
70
76
82
dB
Sstep
Step resolution
0.5
1
1.5
dB
EA
Attenuation set error
AV = 0 to -20 dB
-1.5
0
1.5
dB
AV = -20 to -56 dB
-2
0
2
dB
VDC
DC step
Adjacent attenuation steps
0
3
mV
Amute
Mute attenuation
80
100
dB
Audio outputs
VCLIP
Clipping level
d = 0.3%
2.1
2.6
Vrms
RL
Output load resistance
2
k
Ω
RO
Output impedance
10
40
70
Ω
VOUTDC DC voltage level
3.5
3.8
4.1
V
General
ENO
Output noise
All gains = 0 dB;
BW = 20 Hz to 20 kHz flat
515
µV
Et
Total tracking error
AV = 0 to -24 dB
0
1
dB
AV = -24 to -47 dB
0
2
dB
S/N
Signal to noise ratio
All gains 0 dB,
VO = 1 V RMS
95
106
dB
SC
Channel separation, left/right
80
100
dB
dDistortion
AV = 0, VI = 1 V RMS
0.01
0.08
%
Bus input
VIL
Input low voltage
1
V
VIH
Input high voltage
3
V
IIN
Input current
VIN = 0.4 V
-5
0
5
µA
VO
Output voltage SDA
acknowledge
IO = 1.6 mA
0.4
0.8
V
1.
For bass, mid-range and treble response: the center frequency and the response quality can be set by the
external circuitry.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com