Electronic Components Datasheet Search
  English  ▼

X  

TDA7439 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7439
Description  Three-band digitally-controlled audio processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7439 Datasheet HTML 4Page - STMicroelectronics TDA7439 Datasheet HTML 5Page - STMicroelectronics TDA7439 Datasheet HTML 6Page - STMicroelectronics TDA7439 Datasheet HTML 7Page - STMicroelectronics TDA7439 Datasheet HTML 8Page - STMicroelectronics TDA7439 Datasheet HTML 9Page - STMicroelectronics TDA7439 Datasheet HTML 10Page - STMicroelectronics TDA7439 Datasheet HTML 11Page - STMicroelectronics TDA7439 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Application suggestions
TDA7439
8/23
3
Application suggestions
The first and the last stages are volume control blocks. The control range is 0 to -47 dB and
mute for the first stage and 0 to -79 dB and mute for the last one. Both control blocks have a
step resolution of 1 dB.
This very high resolution allows the implementation of systems free from any noisy
acoustical effect.
The TDA7439 audio processor provides 3 bands of tone control (bass, mid-range and
treble).
3.1
Tone control
3.1.1
Bass, mid-range stages
The bass and the mid-range cells have the same structure.
However, the bass cell has an internal resistor RB of typically 44 kΩ whilst the mid-range cell
has an internal resistor RM of typically 25 kΩ.
Several filter types can be implemented by connecting external components to the bass/mid
IN and OUT pins.
Typical responses are shown in Figure 8, Figure 9 and Figure 11.
Figure 4.
Bass/mid-range filter implementation
Figure 4. refers to the basic T-type band-pass filter. Starting from the filter component values
(R1 (internal) and R2, C1, C2 (external)) then the centre frequency fC, the gain Av at
maximum boost and the filter Q factor are computed as follows:
Ri internal
C2
OUT
IN
C1
R2
D95AU313
f
C
1
2
π
R1 R2 C1 C2
⋅⋅
⋅
⋅⋅
-----------------------------------------------------------------
=
A
V
R2C2
R2C1
RiC1
++
R2C1
R2C2
+
------------------------------------------------------------
=
Q
R1 R2 C1 C2
⋅⋅
⋅
R2C1
R2C2
+
-------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com