Electronic Components Datasheet Search
  English  ▼

X  

M74HC390 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC390
Description  Dual decade counter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC390 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC390 Datasheet HTML 1Page - STMicroelectronics M74HC390 Datasheet HTML 2Page - STMicroelectronics M74HC390 Datasheet HTML 3Page - STMicroelectronics M74HC390 Datasheet HTML 4Page - STMicroelectronics M74HC390 Datasheet HTML 5Page - STMicroelectronics M74HC390 Datasheet HTML 6Page - STMicroelectronics M74HC390 Datasheet HTML 7Page - STMicroelectronics M74HC390 Datasheet HTML 8Page - STMicroelectronics M74HC390 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2006
Rev 2
1/17
17
M74HC390
Dual decade counter
Features
■ HIgh Speed:
fMAX = 79MHz (Typ.) at VCC = 6V
■ Low power dissipation:
ICC = 4µA (Max.) at TA = 25°C
■ High noise immunity:
VNIH = VNIL = 28 % VCC (Min.)
■ Balanced propagation delays:
tPLH ≅ tPHL
■ Wide operating voltage range:
VCC (Opr) = 2V to 6V
■ Pin and function compatible with 74 series 390
Description
The M74HC390 is an high speed CMOS dual
decade counter fabricated with silicon gate
C2MOS technology.
This dual decade counter contains two
independent ripple carry counters. Each counter
is composed of a divide by two and divide by five
counter. The divide by two and divide by five
counters can be cascaded to form dual decade,
dual biquinary, or various combination up to a
single divide by 100 counter.
Each 4-bit counter is increased on the high to low
transition (negative edge) of the clock input, and
each has an independent clear input. When clear
is set low all four bits of each counter are set to
low. This enables count truncation and allows the
implementation of divide by N counter
configuration.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
DIP-16
SO-16
www.st.com
Order codes
Part number
Package
Packaging
M74HC390B1R
DIP-14
Tube
M74HC390RM13TR
SO-14
Tape and reel


Similar Part No. - M74HC390

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC390 STMICROELECTRONICS-M74HC390 Datasheet
266Kb / 13P
DUAL DECADE COUNTER
Feb-1993
M74HC390B1R STMICROELECTRONICS-M74HC390B1R Datasheet
266Kb / 13P
DUAL DECADE COUNTER
Feb-1993
M74HC390C1R STMICROELECTRONICS-M74HC390C1R Datasheet
266Kb / 13P
DUAL DECADE COUNTER
Feb-1993
M74HC390M1R STMICROELECTRONICS-M74HC390M1R Datasheet
266Kb / 13P
DUAL DECADE COUNTER
Feb-1993
More results

Similar Description - M74HC390

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS390 MOTOROLA-SN54LS390 Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
SN54LS490 MOTOROLA-SN54LS490 Datasheet
161Kb / 5P
DUAL DECADE COUNTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
Dual decade ripple counter
December 1990
logo
STMicroelectronics
M54HC390 STMICROELECTRONICS-M54HC390 Datasheet
266Kb / 13P
DUAL DECADE COUNTER
Feb-1993
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
DUAL DECADE RIPPLE COUNTER
logo
STMicroelectronics
M74HC4518 STMICROELECTRONICS-M74HC4518 Datasheet
362Kb / 11P
DUAL DECADE COUNTER
Jul-2001
logo
ON Semiconductor
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
Dual decade ripple counter
Rev. 5 - 18 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com