Electronic Components Datasheet Search
  English  ▼

X  

M74HC390 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC390
Description  Dual decade counter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC390 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC390 Datasheet HTML 1Page - STMicroelectronics M74HC390 Datasheet HTML 2Page - STMicroelectronics M74HC390 Datasheet HTML 3Page - STMicroelectronics M74HC390 Datasheet HTML 4Page - STMicroelectronics M74HC390 Datasheet HTML 5Page - STMicroelectronics M74HC390 Datasheet HTML 6Page - STMicroelectronics M74HC390 Datasheet HTML 7Page - STMicroelectronics M74HC390 Datasheet HTML 8Page - STMicroelectronics M74HC390 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
M74HC390
Pin settings
3/17
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top through view)
1.2
Pin description
Table 1. Pin description
Pin N°
Symbol
Name and function
1, 15
1 CLOCK A
2 CLOCK B
Clock input divide by 2 section (HIGH to LOW Edge-Triggered)
2, 14
1 CLEAR
2 CLEAR
Asynchronous master reset inputs
3, 5, 6, 7
1QA to 1QD Flip flop outputs
4, 12
1 CLOCK A
2 CLOCK B
Clock input divide by 5 section (HIGH to LOW Edge-Triggered)
13, 11, 10, 9 2QA to 2QD Flip flop outputs
8
GND
Ground (0V)
16
Vcc
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com