Electronic Components Datasheet Search
  English  ▼

X  

M74HC592 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC592
Description  8 BIT REGISTER BINARY COUNTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC592 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC592 Datasheet HTML 1Page - STMicroelectronics M74HC592 Datasheet HTML 2Page - STMicroelectronics M74HC592 Datasheet HTML 3Page - STMicroelectronics M74HC592 Datasheet HTML 4Page - STMicroelectronics M74HC592 Datasheet HTML 5Page - STMicroelectronics M74HC592 Datasheet HTML 6Page - STMicroelectronics M74HC592 Datasheet HTML 7Page - STMicroelectronics M74HC592 Datasheet HTML 8Page - STMicroelectronics M74HC592 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
August 2001
s
HIGH SPEED:
fMAX = 53 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 592
DESCRIPTION
The M74HC592 is an high speed CMOS 8-BIT
REGISTER COUNTER fabricated with silicon
gate C2MOS technology.
The M74HC592 is a parallel input, 8 bit storage
register feeding an 8 bit binary counter. Both the
register and the counter have individual positive
edge triggered clock. In addition, the counter has
direct load and clear functions. Expansion is easily
accomplished by connecting RCO at the first
stage to the count enable of the second stage.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC592
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC592B1R
SOP
M74HC592M1R
M74HC592RM13TR
TSSOP
M74HC592TTR
TSSOP
DIP
SOP
8 BIT REGISTER BINARY COUNTER


Similar Part No. - M74HC592

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC592 STMICROELECTRONICS-M74HC592 Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
M74HC592B1R STMICROELECTRONICS-M74HC592B1R Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
M74HC592C1R STMICROELECTRONICS-M74HC592C1R Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
M74HC592M1R STMICROELECTRONICS-M74HC592M1R Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
More results

Similar Description - M74HC592

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC592 STMICROELECTRONICS-M54HC592 Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
Oct-1993
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
TC74HC592AP TOSHIBA-TC74HC592AP Datasheet
338Kb / 7P
8-BIT BINARY COUNTER WITH INPUT REGISTER
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
8-bit Binary Counter/Register (with 3-state outputs)
HD74HC592 HITACHI-HD74HC592 Datasheet
62Kb / 9P
8-bit Register/Binary Counter
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
8-bit Binary Counter/Register (with 3-state outputs)
HD74HC592 RENESAS-HD74HC592 Datasheet
107Kb / 9P
8-bit Register/Binary Counter
logo
NXP Semiconductors
74HC590 NXP-74HC590 Datasheet
543Kb / 21P
8-bit binary counter with output register; 3-state
Rev. 02-28 April 2009
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
8-bit Binary Counter/Register (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com