Electronic Components Datasheet Search
  English  ▼

X  

M74HC592 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC592
Description  8 BIT REGISTER BINARY COUNTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC592 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC592 Datasheet HTML 1Page - STMicroelectronics M74HC592 Datasheet HTML 2Page - STMicroelectronics M74HC592 Datasheet HTML 3Page - STMicroelectronics M74HC592 Datasheet HTML 4Page - STMicroelectronics M74HC592 Datasheet HTML 5Page - STMicroelectronics M74HC592 Datasheet HTML 6Page - STMicroelectronics M74HC592 Datasheet HTML 7Page - STMicroelectronics M74HC592 Datasheet HTML 8Page - STMicroelectronics M74HC592 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M74HC592
2/14
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X: Don’t Care
RCO = QA’·QB’·QC’·QD’·QE’·QF’·QG’·QH’ (QA’ to QH’ : INTERNAL OUTPUTS OF THE COUNTER)
PIN No
SYMBOL
NAME AND FUNCTION
1 to 7, 15
A to H
Data Inputs
9RCO
Ripple Carry Output
10
CCLR
Counter Clear Input
11
CCK
Counter Clock Input
12
CCKEN
Counter Clock Enable
Input
13
RCK
Register Clock Input
14
CLOAD
Counter Load Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUT
RCK
CLOAD
CCLR
CCKEN
CCK
x
L
H
X
X
REGISTER DATA IS LOADED INTO COUNTER
x
H
L
X
X
COUNTER CLEAR
H
H
X
X
THE DATA OF A THRU H INPUTS IS STORED INTO REGISTER
H
H
X
X
REGISTER STATE IS NOT CHANGED
X
H
H
L
COUNTER ADVANCES THE COUNT
X
H
H
L
NO COUNT
X
H
H
H
X
NO COUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com